Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5528 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5528
Description  High-Performance 500mA LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5528 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5528 Datasheet HTML 1Page - Micrel Semiconductor MIC5528 Datasheet HTML 2Page - Micrel Semiconductor MIC5528 Datasheet HTML 3Page - Micrel Semiconductor MIC5528 Datasheet HTML 4Page - Micrel Semiconductor MIC5528 Datasheet HTML 5Page - Micrel Semiconductor MIC5528 Datasheet HTML 6Page - Micrel Semiconductor MIC5528 Datasheet HTML 7Page - Micrel Semiconductor MIC5528 Datasheet HTML 8Page - Micrel Semiconductor MIC5528 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC5528
High-Performance 500mA LDO
in Thin and Extra Thin DFN Packages
General Description
The MIC5528 is a low-power, µCap, low dropout regulator
designed for optimal performance in a very-small footprint.
It is capable of sourcing up to 500mA of output current
while only drawing 38µA of operating current. This high-
performance LDO is a µCap design in a thermally
enhanced 1.2mm × 1.2mm extra thin (0.4mm ht.) DFN
package. It operates with small ceramic output capacitor
for stability, thereby reducing required board space.
Ideal for battery-operated applications, the MIC5528 offers
±2% accuracy, extremely low dropout voltage (260mV @
500mA), and can regulate output voltages down to 1.0V.
Equipped with a TTL logic-compatible enable pin, the
MIC5528 can be put into a zero-off-mode current state,
drawing no current when disabled.
The MIC5528 is a µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost for space-critical
applications. The MIC5528 has an operating junction
temperature range of –40°C to 125°C.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage range: 2.5V to 5.5V
• Fixed output voltages down to 1.0V
• ±2% Room temperature accuracy
• Low quiescent current 38µA
• Stable with 2.2µF ceramic output capacitors
• Low dropout voltage 260mV @ 500mA
• Auto discharge and internal enable pulldown
• Thermal-shutdown and current-limit protection
• 6-pin 1.2mm × 1.2mm extra thin DFN package
• 6-pin 1.2mm × 1.2mm thin DFN package
Applications
• Portable communication equipment
• DSC, GPS, PMP, and PDAs
• Portable medical devices
• 5V POL applications
Typical Application
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 5, 2014
Revision 1.1


Similar Part No. - MIC5528

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5524 MICREL-MIC5524 Datasheet
612Kb / 13P
High-Performance 500mA LDO
MIC5524-1.2YMT MICREL-MIC5524-1.2YMT Datasheet
612Kb / 13P
High-Performance 500mA LDO
MIC5524-1.8YMT MICREL-MIC5524-1.8YMT Datasheet
612Kb / 13P
High-Performance 500mA LDO
MIC5524-2.8YMT MICREL-MIC5524-2.8YMT Datasheet
612Kb / 13P
High-Performance 500mA LDO
MIC5524-3.0YMT MICREL-MIC5524-3.0YMT Datasheet
612Kb / 13P
High-Performance 500mA LDO
More results

Similar Description - MIC5528

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1534A STMICROELECTRONICS-ST1534A Datasheet
552Kb / 15P
500mA SMART LDO
Apr-2003
logo
Holtek Semiconductor In...
HT78XX HOLTEK-HT78XX Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
Diodes Incorporated
AP7217 DIODES-AP7217_10 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
500mA HIGH PSRR LDO REGULATORS
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
High PSRR 500mA LDO Regulator
logo
Unisonic Technologies
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
500mA HIGH PSRR LDO REGULATORS
logo
Micrel Semiconductor
MIC5524 MICREL-MIC5524 Datasheet
612Kb / 13P
High-Performance 500mA LDO
logo
Intersil Corporation
ISL80505IRAJZ INTERSIL-ISL80505IRAJZ Datasheet
711Kb / 14P
High Performance 500mA LDO
September 8, 2015
logo
Renesas Technology Corp
ISL80505 RENESAS-ISL80505 Datasheet
961Kb / 13P
High Performance 500mA LDO
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com