Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP0-1-R Datasheet(PDF) 3 Page - California Eastern Labs

Part # ZICM357SP0-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1-R Datasheet(HTML) 3 Page - California Eastern Labs

  ZICM357SP0-1-R Datasheet HTML 1Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 2Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 3Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
EM357 Mini Modules
Page 3
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
ORDERING INFORMATION
Part Number
Order Number
Description
Min/
Multiple
ZICM357SPx
ZICM357SP0-1
+8dBm Output Power, PCB Trace antenna; tray package
330/330
ZICM357SP0-1-R
+8dBm Output Power, PCB Trace antenna; tape and reel package
600/600
ZICM357SP0-1C
+8dBm Output Power, with Castellation pin for external antenna;
tray package
330/330
ZICM357SP0-1C-R
+8dBm Output Power, with Castellation pin for external antenna;
tape and reel package
600/600
ZICM357SP2-1
+20dBm Output Power, PCB Trace antenna; tray package
330/330
ZICM357SP2-1-R
+20dBm Output Power, PCB Trace antenna; tape and reel package
600/600
ZICM357SP2-1C
+20dBm Output Power, with Castellation pin for external antenna;
tray package
330/330
ZICM357SP2-1C-R
+20dBm Output Power, with Castellation pin for external antenna;
tape and reel package
600/600
ZICM-EM35X-DEV-KIT
ZICM-EM35X-DEV-KIT-2
MeshConnect EM35x Ember Companion Kit for Ember EM35x
Development Kit (See below for kit content and details)
1/1
Note: All packages come in Trays unless a part number has a "-R" designation; part numbers with the "-R" indicate a Tape and Reel
Package Option.
MODULE BLOCK DIAGRAMS
Radio
Micro
Balun
LPF
Ember EM357
24MHz
XTAL
EM357 Mini Module (ZICM357SP0)
Radio
Micro
PA
LNA
LPF
TX/RX
Switch
Ember EM357
24MHz
XTAL
EM357 Mini Module (ZICM357SP2)
DEVELOPMENT TOOLS
Ember Companion Kit:
CEL's MeshConnect EM35x Ember Companion Kit
is designed to work with the Ember development kit
(EM35X-DEV and EM35X-DEV-IAR). Each module in
this CEL kit is soldered on a carrier board making it pin-
for-pin compatible with the Ember Development Board.
For more information regarding the MeshConnect
Development
Kit,
refer
to
the
respective
Development Kit User Guides documents, or visit
www.cel.com/MeshConnect.
Kit Contents:
• ZICM357SP2-1 Modules (2)
• ZICM357SP2-1C Module (1)
• ZICM357SP0-1 Modules (2)
• ZICM357SP0-1C Module (1)
• Online Documentation
EM35x Ember Companion Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com