Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP0-1-R Datasheet(PDF) 11 Page - California Eastern Labs

Part # ZICM357SP0-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1-R Datasheet(HTML) 11 Page - California Eastern Labs

Back Button ZICM357SP0-1-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 15Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
EM357 Mini Modules
Page 11
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
PROCESSING
Recommended Reflow Profile
Parameter Values
Ramp up rate (from Tsoakmax to Tpeak)
3º/sec max
Minimum Soak Temperature
150ºC
Maximum Soak Temperature
200ºC
Soak Time
60-120 sec
TLiquidus
217ºC
Time above TLiquidus
60-150 sec
Tpeak
250ºC
Time within 5º of Tpeak
20-30 sec
Time from 25º to Tpeak
8 min max
Ramp down rate
6ºC/sec max
Pb-Free Solder Paste
Use of “No Clean” soldering paste is strongly recommended, as it does not require cleaning after the soldering process.
Note: The quality of solder joints on the castellations ("half vias") where they contact the host board should meet the appropriate IPC
Specification. See the Castellated Terminations Section in the latest IPC-A-610 Acceptability of Electronic Assemblies document.
Cleaning
In general, cleaning the populated module is strongly discouraged. Residuals under the module cannot be easily
removed with any cleaning process.
• Cleaning with water can lead to capillary effects where water is absorbed into the gap between the host
board and the module. The combination of soldering flux residuals and encapsulated water could lead to
short circuits between neighboring pads. Water could also damage any stickers or labels.
• Cleaning with alcohol or a similar organic solvent will likely flood soldering flux residuals into the two
housings, which is not accessible for post-washing inspection. The solvent could also damage any
stickers or labels.
• Ultrasonic cleaning could damage the module permanently.
The best approach is to consider using a “No Clean” solder paste and eliminate the post-soldering cleaning step.
Optical Inspection
After soldering the module to the host board, consider optical inspection to check the following:
• Proper alignment and centering of the module over the pads
• Proper solder joints on all pads
• Excessive solder or contacts to neighboring pads or vias
Repeating Reflow Soldering
Only a single reflow soldering process is encouraged for host boards.
Wave Soldering
If a wave soldering process is required on the host boards due to the presence of leaded components, only a
single wave soldering process is encouraged.
Hand Soldering
Hand soldering is possible. When using a soldering iron, follow IPC recommendations (reference document
IPC-7711).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com