Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP0-1-R Datasheet(PDF) 6 Page - California Eastern Labs

Part # ZICM357SP0-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1-R Datasheet(HTML) 6 Page - California Eastern Labs

Back Button ZICM357SP0-1-R Datasheet HTML 2Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 3Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 4Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 5Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 6Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 7Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 8Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
EM357 Mini Modules
Page 6
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
ABSOLUTE MAXIMUM RATINGS
Description
MeshConnect ZICM357SPx Module
Unit
Min
Max
Power Supply Voltage (VDD)
-0.3
3.6
VDC
Voltage on any I/O Line
-0.3
VDD + 0.3
VDC
RF Input Power
ZICM357SP0
ZICM357SP2
–
–
+15
+5
dBm
Storage Temperature Range
-40
125
°C
Reflow Soldering Temperature
–
260
°C
Note: Exceeding the maximum ratings may cause permanent damage to the module or devices.
RECOMMENDED (OPERATING CONDITIONS)
Description
MeshConnect ZICM357SPx Module
Unit
Min
Typ
Max
Power Supply Voltage (VDD)
2.1
3.3
3.6
VDC
Input Frequency
2405
–
2480
MHz
Ambient Temperature Range
-40
25
85
°C
DC CHARACTERISTICS (@ 25⁰ C, VDD = 3.3V, ZICM357SP0TX Power Mode 1, ZICM357SP2TX Power Mode 2)
Description
MeshConnect ZICM357SPx Module
Unit
Min
Typ
Max
Transmit Mode Current @ 8dBm
ZICM357SP0
–
44
–
mA
Transmit Mode Current @ 0dBm
–
31
–
mA
Receive Mode Current
–
30
–
mA
Transmit Mode Current @ 20dBm
ZICM357SP2
–
150
–
mA
Transmit Mode Current @ 0dBm
–
58
–
mA
Receive Mode Current
–
34
–
mA
Sleep Mode Current
–
1
–
µA
RF CHARACTERISTICS (@ 25⁰ C, VDD = 3.3V, ZICM357SP0TX Power Mode 1, ZICM357SP2TX Power Mode 2)
Description
MeshConnect ZICM357SPx Module
Unit
Min
Typ
Max
General Characteristics
RF Frequency Range
2405
–
2480
MHz
RF Channels
11
–
26
–
Frequency Error Tolerance
-96.2
–
96.2
kHz
Transmitter
Maximum Output Power
ZICM357SP0
–
8
–
dBm
Minimum Output Power
–
-40
–
dBm
Offset Error Vector Magnitude
–
5
35
%
Maximum Output Power
(using Power Mode 2, Power Setting -2)
ZICM357SP2
–
20
21
dBm
Minimum Output Power
–
-40
–
dBm
Offset Error Vector Magnitude
–
5
35
%
Receiver
Sensitivity (1% PER, boost mode)
ZICM357SP0
–
-100
-94
dBm
Saturation (maximum input level)
0
–
–
dBm
Sensitivity (1% PER, normal mode)
ZICM357SP2
–
-103
-97
dBm
Saturation (maximum input level)
-10
–
–
dBm
Note: For the ZICM357SP2 Module, Power Mode 2 with Power Setting -2 is the maximum setting allowed for FCC
Compliance. Operating in Power Mode 3 at higher power settings may damage the PA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com