Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP0-1-R Datasheet(PDF) 13 Page - California Eastern Labs

Part # ZICM357SP0-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1-R Datasheet(HTML) 13 Page - California Eastern Labs

Back Button ZICM357SP0-1-R Datasheet HTML 9Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 15Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 16Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 17Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
EM357 Mini Modules
Page 13
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
AGENCY CERTIFICATIONS
The following Part Numbers are Certified as shown below:
Part Number
Certifications
Antenna
ZICM357SP0-1
FCC, IC, CE
PCB
ZICM357SP2-1
FCC, IC
PCB
ZICM357SP2-1C
FCC, IC
Nearson S181AH-2450S
FCC Compliance Statement Part 15.19, Section 7.15 of RSS-GEN
This device complies with Part 15 of the FCC Rules and with Industry Canada licence-exempt RSS Standards.
Operation is subject to the following two conditions:
1. This device may not cause harmful interference, and
2. This device must accept any interference received, including interference that may cause undesired operation.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts de licence.
L'exploitation est autorisée aux deux conditions suivantes:
1. l'appareil ne doit pas produire de brouillage, et
2. l'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.
Warning (Part 15.21)
Changes or modifications not expressly approved by CEL could void the user's authority to operate the equipment.
20cm Separation Distance
TocomplywithFCC/ICRFexposurelimitsforgeneralpopulation/uncontrolledexposure,theantenna(s)usedforthis
transmitter must be installed to provide a separation distance of at least 20cm from all persons and must not be
co-located or operated in conjunction with any other antenna or transmitter.
OEM Responsibility to the FCC and IC Rules and Regulations
The MeshConnect Mini Module has been certified per FCC Part 15 Rules and to Industry Canada license-
exempt RSS Standards for integration into products without further testing or certification. To fulfill the FCC and
IC Certification requirements, the OEM of the MeshConnect Module must ensure that the information provided
on the MeshConnect label is placed on the outside of the final product. The MeshConnect Mini Module is labeled
with its own FCC ID Number and IC ID Number. If the FCC ID and the IC ID are not visible when the module is
installed inside another device, then the outside of the device into which the module is installed must also display
a label referring to the enclosed module. The exterior label can use wording such as the following:
“Contains Transmitter Module FCC ID: W7Z-ZICM357SP0” or “Contains FCC ID: W7Z-ZICM357SP0”
“Contains Transmitter Module IC: 8254A-ZICM357SP0" or "Contains IC: 8254A-ZICM357SP0”
or
“Contains Transmitter Module FCC ID: W7Z-ZICM357SP2” or “Contains FCC ID: W7Z-ZICM357SP2”
“Contains Transmitter Module IC: 8254A-ZICM357SP2" or "Contains IC: 8254A-ZICM357SP2”
The OEM of the MeshConnect Mini Module may only use the approved antennas (PCB Trace Antenna and
external antenna (part number: S181AH-2450S)) that have been certified with this module. The OEM of the
MeshConnect Mini Module must test their final product configuration to comply with Unintentional Radiator Limits
before declaring FCC Compliance per Part 15 of the FCC Rules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com