Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZICM357SP0-1-R Datasheet(PDF) 14 Page - California Eastern Labs

Part # ZICM357SP0-1-R
Description  Integrated Transceiver Modules for ZigBee / IEEE 802.15.4 Development Kit available: ZICM-EM35X-DEV-KIT-2
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

ZICM357SP0-1-R Datasheet(HTML) 14 Page - California Eastern Labs

Back Button ZICM357SP0-1-R Datasheet HTML 10Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 11Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 12Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 13Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 14Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 15Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 16Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 17Page - California Eastern Labs ZICM357SP0-1-R Datasheet HTML 18Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
EM357 Mini Modules
Page 14
This document is subject to change without notice
Document No: 0011-00-07-00-000 (Issue H)
IC Certification — Industry Canada Statement
The term "IC" before the certification/registration number only signifies that the Industry Canada technical
specifications were met.
Certification IC — Déclaration d'Industrie Canada
Leterme"IC"devantlenumérodecertification/d'enregistrementsignifieseulementquelesspécificationstechniques
Industrie Canada ont été respectées.
Section 14 of RSS-210
The installer of this radio equipment must ensure that the antenna is located or pointed such that it does not emit
RF field in excess of Health Canada limits for the general population. Consult Safety Code 6, obtainable from
Health Canada's website: http://www.hc-sc.gc.ca/ewh-semt/pubs/radiation/radio_guide-lignes_direct-eng.php
L'article 14 du CNR-210
Le programme d'installation de cet équipement radio doit s'assurer que l'antenne est située ou
orientée de telle sorte qu'il ne pas émettre de champ RF au-delà des limites de Santé Canada pour
la population générale. Consulter le Code de sécurité 6, disponible sur le site Web de Santé Canada:
http://www.hc-sc.gc.ca/ewh-semt/pubs/radiation/radio_guide-lignes_direct-eng.php
CE Certification — Europe
The MeshConnect ZICM35xSP0 Module has been tested and certified for use in the European Union.
OEM Responsibility to the European Union Compliance Rules
If the MeshConnect Module is to be incorporated into a product, the OEM must verify compliance of the final
product to the European Harmonized EMC and Low-Voltage/Safety Standards. A Declaration of Conformity must
be issued for each of these standards and kept on file as described in Annex II of the R&TTE Directive.
The manufacturer must maintain the user guide and adhere to the settings described in the manual for maintaining
European Union Compliance. If any of the specifications are exceeded in the final product, the OEM is required to
make a submission to the notified body for compliance testing.
OEM Labeling Requirements
The CE mark must be placed on the OEM product in a visible location. The CE mark shall consist of the initials
CE with the following form:
· If the CE marking is reduced or enlarged, the proportions given in the CE
graduated drawing (to the right) must be adhered to
· The CE mark must be a minimum of 5mm in height
· If the use of the module is subject to restrictions in the end application, the CE
marking on the OEM product should also include the alert sign as shown in the
image to the right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com