Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AM Datasheet(PDF) 31 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 31 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 27Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 28Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 29Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 30Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 35Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
EM78P458/459
OTP ROM
Fig. 11 Interrupt Input Circuit
4.7 Analog-To-Digital Converter (ADC)
The analog-to-digital circuitry consists of an 8-bit analog multiplexer, three control registers
(ADCON/R9, AD-CMP-CON/IOCA0, GCON/IOC90), one data register (ADDATA/RA) and an ADC
with 8-bit resolution. The functional block diagram of the ADC is shown in Fig. 12. The analog
reference voltage (Vref) and analog ground are connected via separate input pins.
The ADC module utilizes successive approximation to convert the unknown analog signal into a
digital value. The result is fed to the ADDATA. Input channels are selected by the analog input
multiplexer via the ADCON register Bits ADIS0, ADIS1, and ADIS2.
0
1
2
3
4
5
6
7
OP2
GCON
54
3
2
10
ADDATA
OP1
DATA BUS
ADC4
ADC3
ADC2
ADC1
ADC5
ADC6
ADC7
ADC8
Vref
Power-Down
Fsco
Internal
RC
4-1
MUX
2
3
4
3
4
ADC
( successive approximation )
3
0
1
0
1
2
AD-CMPCON
RF
AD-CMPCON
ADCON
ADCON
+
+
-
-
Start to Convert
Fig. 12 The Functional Block Diagram of Analog-to-Digital Conversion
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com