Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AM Datasheet(PDF) 47 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 47 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 51Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
EM78P458/459
OTP ROM
offer users with an effective cost savings. Nevertheless, it should be noted that the frequency of the
RC oscillator is influenced by the supply voltage, the values of the resistor (Rext), the capacitor(Cext),
and even by the operation temperature. Moreover, the frequency also changes slightly from one chip
to another due to the manufacturing process variation.
In order to maintain a stable system frequency, the values of the Cext should not be less than 20pF,
and that the value of Rext should not be greater than 1M ohm. If they cannot be kept in this range, the
frequency can be affected easily by noise, humidity, and leakage.
The smaller the Rext in the RC oscillator, the faster its frequency will be. On the contrary, for very low
Rext values, for instance, 1 K
Ω, the oscillator becomes unstable because the NMOS cannot
discharge the current of the capacitance correctly.
Based on the above reasons, it must be kept in mind that all supply voltage, the operation
temperature, the components of the RC oscillator, the package types, and the way the PCB is layout,
have certain effect on the system frequency.
OSCI
Vcc
Rext
Cext
EM78P458
EM78P459
Fig. 20 Circuit for External RC Oscillator Mode
Table 14 RC Oscillator Frequencies
Cext
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
3.3k
3.57 MHz
2.94 MHz
5.1k
2.63MHz
1.92 MHz
10k
1.30 MHz
1.22 MHz
20 pF
100k
150 KHz
153 KHz
3.3k
1.43 MHz
1.35 MHz
5.1k
980 KHz
877 KHz
10k
520 KHz
465 KHz
100 pF
100k
57 KHz
54 KHz
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com