Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AM Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 15Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
EM78P458/459
OTP ROM
1 = Segment 1 ( IOC51~IOCF1 ) selected;
0 = Segment 0 ( IOC50~IOCF0 ) selected;
• Bit 4 (ADRUN): ADC starts to RUN.
1 = an A/D conversion is started. This bit can be set by software;
0 = reset on completion of the conversion. This bit can not be reset though software;
• Bit 3 (ADPD): ADC Power-down mode.
1 = ADC is operating;
0 = switch off the resistor reference to save power even while the CPU is operating.
• Bit2:Bit0 (ADIS2:ADIS0): Analog Input Select.
000 = AN0;
001 = AN1;
010 = AN2;
011 = AN3;
100 = AN4;
101 = AN5;
110 = AN6;
111 = AN7;
They can only be changed when the ADIF bit and the ADRUN bit are both LOW.
9. RA (ADDATA: the converted value of ADC)
When the A/D conversion is complete, the result is loaded into the ADDATA. The START//END bit is
cleared, and the ADIF is set.
10. RB
An 8-bit general-purpose register.
11. RC
A 2-bit, Bit 0and Bit 1 register.
12. RD
An 8-bit general-purpose register.
13. RE
A 2-bit, Bit 0 and Bit 1 register.
14. RF (Interrupt Status Register)
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com