Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AM Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
EM78P458/459
OTP ROM
applications are involved, extra devices are required to assist in solving the power-up problems.
1. External Power on Reset Circuit
The circuit shown in Fig. 22 implements an external RC to produce a reset pulse. The pulse width
(time constant) should be kept long enough to allow Vdd to reach minimum operation voltage. This
circuit is used when the power supply has a slow rise time. Because the current leakage from the
/RESET pin is about
±5µA, it is recommended that R should not be great than 40 K. In this way, the
voltage at Pin /RESET is held below 0.2V. The diode (D) acts as a short circuit at power-down. The
capacitor, C, is discharged rapidly and fully. Rin, the current-limited resistor, prevents high current
discharge or ESD (electrostatic discharge) from flowing into Pin /RESET.
EM78P458
EM78P459
/RESET
VDD
D
R
Rin
C
Fig. 22 External Power on Reset Circuit
2. Residue-Voltage Protection
When battery is replaced, device power (Vdd) is taken off but residue-voltage remains. The
residue-voltage may trips below Vdd minimum, but not to zero. This condition may cause a poor
power on reset. Fig. 23 and Fig. 24 show how to build a residue-voltage protection circuit
EM78P458
EM78P459
/RESET
VDD
100K
Q1
1N4684
10K
33K
VDD
Fig. 23
Circuit 1 for the Residue Voltage Protection
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com