Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM78P458AM Datasheet(PDF) 51 Page - ELAN Microelectronics Corp

Part # EM78P458AM
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458AM Datasheet(HTML) 51 Page - ELAN Microelectronics Corp

Back Button EM78P458AM Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 53Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 54Page - ELAN Microelectronics Corp EM78P458AM Datasheet HTML 55Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 76 page
background image
EM78P458/459
OTP ROM
1: High frequency
• Bit 7 (RCT): Resistor Capacitor
0: Inter C, External R
1: External RC
• Bit 6 (HLP): Power consumption selection.
0: Low power.
1: High power.
• Bit 5 ~ Bit 0 (ID[5]~ID[0]): Customer’s ID.
2. Code Option Register (Word 1)
Bit12
Bit11
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4~Bit0
SIGN2
VOF2[2]
VOF2[1]
VOF2[0]
SIGN1
VOF1[2]
VOF1[1]
VOF1[0]
-
• Bit 12 (SIGN2): Polarity bit of offset voltage.
0: Negative voltage
1: Positive voltage
• Bit 11 ~ Bit 9 (VOF2[2]~VOF2[0]): Offset voltage bits
• Bit 8 (SIGN1): Polarity bit of offset voltage.
0: Negative voltage
1: Positive voltage
• Bit 7 ~ Bit 5 (VOF1[2]~VOF210)): Offset voltage bits
• Bit 4 ~ Bit 0 : Not used.
4.15 Instruction Set
Each instruction in the instruction set is a 13-bit word divided into an OP code and one or more
operands. Normally, all instructions are executed within one single instruction cycle (one instruction
consists of 2 oscillator periods), unless the program counter is changed by instruction "MOV R2,A",
"ADD R2,A", or by instructions of arithmetic or logic operation on R2 (e.g. "SUB R2,A", "BS(C) R2,6",
"CLR R2",
⋅⋅⋅⋅). In this case, the execution takes two instruction cycles.
In addition, the instruction set has the following features:
(1) Every bit of any register can be set, cleared, or tested directly.
(2) The I/O registers can be regarded as general registers. That is, the same instruction can operate
on I/O registers.
The symbol "R" represents a register designator that specifies which one of the registers (including
operational registers and general-purpose registers) is to be utilized by the instruction. The symbol
"b" represents a bit field designator that selects the value for the bit located in the register "R" that is
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com