Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE43701 Datasheet(PDF) 8 Page - Peregrine Semiconductor

Part # PE43701
Description  50 廓 RF Digital Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43701 Datasheet(HTML) 8 Page - Peregrine Semiconductor

Back Button PE43701_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 9Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 10Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 11Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 12Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Product Specification
PE43701
Page 8 of 13
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0243-06
│ UltraCMOS™ RFIC Solutions
Programming Options
Parallel/Serial-Addressable Selection
Either a parallel or serial-addressable interface can
be used to control the PE43701. The
P̅/S bit
provides this selection, with
P̅/S=LOW selecting the
parallel interface and
P̅/S=HIGH selecting the serial
interface.
Parallel Mode Interface
The parallel interface consists of seven CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 7.
The parallel interface timing requirements are
defined by Fig. 21 (Parallel Interface Timing
Diagram), Table 12 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For latched-parallel programming the Latch Enable
(LE) should be held LOW while changing attenuation
state control values, then pulse LE HIGH to LOW
(per Fig. 21) to latch new attenuation state into
device.
For direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
Serial-Addressable Interface
The serial-addressable interface is a 16-bit serial-in,
parallel-out shift register buffered by a transparent
latch. The 16-bits make up two words comprised of
8-bits each. The first word is the Attenuation Word,
which controls the state of the DSA. The second
word is the Address Word, which is compared to the
static (or programmed) logical states of the A0, A1
and A2 digital inputs. If there is an address match,
the DSA changes state; otherwise its current state
will remain unchanged. Fig. 20 illustrates a example
timing diagram for programming a state. It is
recommended that all parallel control inputs be
grounded when the DSA is used in Serial Mode.
The serial-addressable interface is controlled using
three CMOS-compatible signals: Serial-In (SI),
Clock (CLK), and Latch Enable (LE). The SI and
CLK inputs allow data to be serially entered into the
shift register. Serial data is clocked in LSB first,
beginning with the Attenuation Word.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from changing
as data is entered. The LE input should then be
toggled HIGH and brought LOW again, latching the
new data into the DSA. Address word and
attenuation word truth tables are listed in Table 8 &
Table 9, respectively. A programming example of the
serial-addressable register is illustrated in Table 10.
The serial-addressable timing diagram is illustrated
in Fig. 20.
Power-up Control Settings
The PE43701 will always initialize to the maximum
attenuation setting (31.75 dB) on power-up for both
the serial-addressable and latched-parallel modes of
operation and will remain in this setting until the user
latches in the next programming word. In direct-
parallel mode, the DSA can be preset to any state
within the 31.75 dB range by pre-setting the parallel
control pins prior to power-up. In this mode, there is
a 400-µs delay between the time the DSA is
powered-up to the time the desired state is
set. During this power-up delay, the device
attenuates to the maximum attenuation setting
(31.75 dB) before defaulting to the user defined
state. If the control pins are left floating in this mode
during power-up, the device will default to the
minimum attenuation setting (insertion loss state).
Dynamic operation between serial-addressable and
parallel programming modes is possible.
If the DSA powers up in serial-addressable mode (
P̅/
S = HIGH), all the parallel control inputs DI[6:0] must
be set to logic low. Prior to toggling to parallel mode,
the DSA must be programmed serially to ensure
D[7] is set to logic low.
If the DSA powers up in either latched or direct-
parallel mode, all parallel pins DI[6:0] must be set to
logic low prior to toggling to serial-addressable mode
(
P̅/S = HIGH), and held low until the DSA has been
programmed serially to ensure bit D[7] is set to logic
low.
The sequencing is only required once on power-
up. Once completed, the DSA may be toggled
between serial-addressable and parallel
programming modes at will.
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com