Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE43701 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE43701
Description  50 廓 RF Digital Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43701 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE43701_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Product Specification
PE43701
Page 2 of 13
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0243-06
│ UltraCMOS™ RFIC Solutions
-0.25
0.00
0.25
0.50
0
4
8
12
16
2024
2832
Attenuation Setting (dB)
200 MHz
900 MHz
1800 MHz
2200 MHz
3000 MHz
Table 1. Electrical Specifications @ +25°C, VDD = 3.3 V or 5.0 V
Figure 5. 0.25 dB Major State Bit Error
Figure 3. 0.25 dB Step Error vs. Frequency*
Performance Plots
900 MHz
1800 MHz
2200 MHz
3800 MHz
5
10
152025
30
035
5
10
15
20
25
30
0
35
Attenuation State
0.25-dB PE43701 Attenuation
Figure 4. 0.25dB Attenuation vs. Attenuation State
Parameter
Test Conditions
Frequency
Min
Typical
Max
Units
Frequency Range
9 kHz
4.0
GHz
Attenuation Range
0.25 dB Step
0 – 31.75
dB
Insertion Loss
9 kHz
≤ 4 GHz
1.9
2.4
dB
Attenuation Error
0 dB - 7.75 dB Attenuation settings
8 dB - 31.75 dB Attenuation settings
0 dB - 31.75 dB Attenuation settings
9 kHz < 3 GHz
9 kHz < 3 GHz
3 GHz
≤ 4 GHz
±(0.2+1.5%)
±(0.15+4%)
±(0.25+4.5%)
dB
dB
dB
Return Loss
9 kHz - 4 GHz
18
dB
Relative Phase
All States
9 kHz - 4 GHz
44
deg
P1dB (note 1)
Input
20 MHz - 4 GHz
30
32
dBm
IIP3
Two tones at +18 dBm, 20 MHz spacing
20 MHz - 4 GHz
59
dBm
Typical Spurious Value
1MHz
-110
dBm
Video Feed Through
10
mVpp
Switching Time
50% DC CTRL to 10% / 90% RF
650
ns
RF Trise/Tfall
10% / 90% RF
400
ns
Settling Time
RF settled to within 0.05 dB of final value
RBW = 5 MHz, Averaging ON.
4
25
µs
*Monotonicity is held so long as Step-Error does not cross below -0.25
Figure 6. 0.25 dB Attenuation Error vs. Frequency
Note 1. Please note Maximum Operating Pin (50
Ω) of +23dBm as shown in Table 3.
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0
1000
2000
3000
4000
Frequency (MHz)
0.25dB State
0.5dB State
1dB State
2dB State
4dB State
8dB State
16dB State
31.75dB State
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
0.0
4.0
8.0
12.0
16.0
20.0
24.0
28.0
32.0
Attenuation Setting (dB)
200 MHz
900 MHz
1800 MHz
2200 MHZ
3000 MHz
4000 MHz
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com