Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE43701 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE43701
Description  50 廓 RF Digital Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43701 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE43701_14 Datasheet HTML 1Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 2Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 3Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 4Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Page 1 of 13
Document No. 70-0243-06
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
The PE43701 is a HaRP
™-enhanced, high linearity, 7-bit RF
Digital Step Attenuator (DSA). This highly versatile DSA
covers a 31.75 dB attenuation range in 0.25 dB steps. The
Peregrine 50
Ω RF DSA provides a parallel or serial-
addressable CMOS control interface. It maintains high
attenuation accuracy over frequency and temperature and
exhibits very low insertion loss and low power consumption.
Performance does not change with Vdd due to on-board
regulator. This next generation Peregrine DSA is available in a
5x5 mm 32-lead QFN footprint.
The PE43701 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
50
Ω RF Digital Attenuator
7-bit, 31.75 dB, 9 kHz - 4.0 GHz
Product Description
Figure 2. Functional Schematic Diagram
PE43701
Features
HaRP™-enhanced UltraCMOS™ device
Attenuation: 0.25 dB steps to 31.75 dB
High Linearity: Typical +59 dBm IIP3
Excellent low-frequency performance
3.3 V or 5.0 V Power Supply Voltage
Fast switch settling time
Programming Modes:
Direct Parallel
Latched Parallel
Serial-Addressable: Program up to
eight addresses 000 - 111
High-attenuation state @ power-up (PUP)
CMOS Compatible
No DC blocking capacitors required
Packaged in a 32-lead 5x5x0.85 mm QFN
Figure 1. Package Type
32-lead 5x5x0.85 mm QFN Package
Control Logic Interface
RF Input
RF Output
Switched Attenuator Array
Serial In
LE
CLK
A0
A1
A2
Parallel Control 7
P/S
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com


Similar Part No. - PE43701_14

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43701MLI PEREGRINE-PE43701MLI Datasheet
404Kb / 13P
50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701MLI-Z PEREGRINE-PE43701MLI-Z Datasheet
404Kb / 13P
50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
More results

Similar Description - PE43701_14

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP4302 SIPAT-SP4302 Datasheet
867Kb / 10P
50 廓 RF Digital Attenuator
SP43204 SIPAT-SP43204 Datasheet
840Kb / 7P
50 廓 RF Digital Attenuator
SP43701 SIPAT-SP43701 Datasheet
1Mb / 12P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor
PE43204 PSEMI-PE43204_14 Datasheet
854Kb / 8P
50 廓 RF Digital Attenuator
PE43502 PSEMI-PE43502_14 Datasheet
986Kb / 11P
50 廓 RF Digital Attenuator
PE43602 PSEMI-PE43602_14 Datasheet
985Kb / 11P
50 廓 RF Digital Attenuator
PE43703 PSEMI-PE43703_14 Datasheet
1,022Kb / 15P
50 廓 RF Digital Attenuator
logo
Peregrine Semiconductor...
PE4305DS PEREGRINE-PE4305DS Datasheet
460Kb / 11P
50 廓 RF Digital Attenuator
PE43502 PEREGRINE-PE43502 Datasheet
443Kb / 11P
50 廓 RF Digital Attenuator
PE43503 PEREGRINE-PE43503 Datasheet
437Kb / 11P
50 廓 RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com