Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE43701 Datasheet(PDF) 9 Page - Peregrine Semiconductor

Part # PE43701
Description  50 廓 RF Digital Attenuator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE43701 Datasheet(HTML) 9 Page - Peregrine Semiconductor

Back Button PE43701_14 Datasheet HTML 5Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 6Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 7Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 8Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 9Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 10Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 11Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 12Page - Peregrine Semiconductor PE43701_14 Datasheet HTML 13Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Product Specification
PE43701
Page 9 of 13
Document No. 70-0243-06
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Table 12. Parallel and Direct Interface
AC Characteristics
Table 11. Serial-Addressable Interface
AC Characteristics
Note:
fClk is verified during the functional pattern test. Serial-
Addressable programming sections of the functional
pattern are clocked at 10 MHz to verify fclk specification.
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
Figure 20. Serial-Addressable Timing Diagram
Figure 21. Latched-Parallel/Direct-Parallel Timing Diagram
Symbol
Parameter
Min
Max
Unit
FCLK
Serial clock frequency
-
10
MHz
TCLKH
Serial clock HIGH time
30
-
ns
TCLKL
Serial clock LOW time
30
-
ns
TLESU
Last serial clock rising edge setup
time to Latch Enable rising edge
10
-
ns
TLEPW
Latch Enable min. pulse width
30
-
ns
TSISU
Serial data setup time
10
-
ns
TSIH
Serial data hold time
10
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TASU
Address setup time
100
-
ns
TAH
Address hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay (internal)
-
10
ns
Symbol
Parameter
Min
Max
Unit
TLEPW
Latch Enable minimum
pulse width
30
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSIH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay
(internal)
-
10
ns
TDIPD
Digital register delay
(internal, direct mode only)
-
5
ns
VALID
T
DISU
T
DIH
DI[6:0]
LE
P/S
T
PSSU
T
PSH
T
LEPW
VALID
DO[6:0]
T
DIPD
T
PD
A[2]
A[1]
A[0]
T
SISU
T
CLKL
T
LEPW
T
SIH
T
CLKH
SI
CLK
LE
P/S
T
LESU
T
PSSU
T
PSIH
VALID
T
ASU
ADD[2:0]
T
AIH
DO[6:0]
VALID
DI[6:0]
T
PD
T
DISU
T
DIH
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
*D[7]
*D[7] must be set to logic low
Bits can either be set to logic high or logic low
Logo updated under non-rev change. Peregrine products are protected under one or more of the following U.S. Patents: http://patents.psemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com