Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 122 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 122 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 118Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 119Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 120Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 121Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 125Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 126Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 197 page
background image
Pin Descriptions
5- 8
R ev isio n 1 2
Special Function Pins
Name
Type
Polarity/Bus Size
Description
NC
No connect
This pin is not connected to circuitry within the device. These pins can
be driven to any voltage or can be left floating with no effect on the
operation of the device.
DC
Do not connect.
This pin should not be connected to any signals on the PCB. These
pins should be left unconnected.
LPXIN
In
1
Low power 32 KHz crystal oscillator.
Input from the 32 KHz oscillator. Pin for connecting a low power 32
KHz watch crystal. If not used, the LPXIN pin can be left floating. For
more information, see the PLLs, Clock Conditioning Circuitry, and On-
Chip Crystal Oscillators section in the SmartFusion Microcontroller
Subsystem User’s Guide
.
LPXOUT
In
1
Low power 32 KHz crystal oscillator.
Output to the 32 KHz oscillator. Pin for connecting a low power 32 KHz
watch crystal. If not used, the LPXOUT pin can be left floating. For
more information, see the PLLs, Clock Conditioning Circuitry, and On-
Chip Crystal Oscillators section in the SmartFusion Microcontroller
Subsystem User’s Guide
.
MAINXIN
In
1
Main crystal oscillator circuit.
Input to the crystal oscillator circuit. Pin for connecting an external
crystal, ceramic resonator, or RC network. When using an external
crystal
or
ceramic
oscillator,
external
capacitors
are
also
recommended. Refer to documentation from the crystal oscillator
manufacturer for proper capacitor value.
If an external RC network or clock input is used, the RC components
are connected to the MAINXIN pin, with MAINXOUT left floating. When
the main crystal oscillator is not being used, MAINXIN and MAINXOUT
pins can be left floating.
For more information, see the PLLs, Clock Conditioning Circuitry, and
On-Chip Crystal Oscillators section in the SmartFusion Microcontroller
Subsystem User’s Guide
.
MAINXOUT
Out
1
Main crystal oscillator circuit.
Output from the crystal oscillator circuit. Pin for connecting external
crystal or ceramic resonator. When using an external crystal or ceramic
oscillator, external capacitors are also recommended. Refer to
documentation from the crystal oscillator manufacturer for proper
capacitor value.
If an external RC network or clock input is used, the RC components
are connected to the MAINXIN pin, with MAINXOUT left floating. When
the main crystal oscillator is not being used, MAINXIN and MAINXOUT
pins can be left floating.
For more information, see the PLLs, Clock Conditioning Circuitry, and
On-Chip Crystal Oscillators section in the SmartFusion Microcontroller
Subsystem User’s Guide
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com