Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 126 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 126 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 122Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 123Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 124Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 125Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 126Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 127Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 128Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 129Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 130Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 197 page
background image
Pin Descriptions
5- 12
R e v i sio n 1 2
Microcontroller Subsystem (MSS)
Name
Type
Polarity/
Bus Size
Description
External Memory Controller
EMC_ABx
Out
26
External memory controller address bus
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
EMC_BYTENx
Out
LOW/2
External memory controller byte enable
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
EMC_CLK
Out
Rise
External memory controller clock
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
EMC_CSx_N
Out
LOW/2
External memory controller chip selects
Can also be used as an FPGA User IO (see "IO" on page 5-6).
EMC_DBx
In/out
16
External memory controller data bus
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
EMC_OENx_N
Out
LOW/2
External memory controller output enables
Can also be used as an FPGA User IO (see "IO" on page 5-6).
EMC_RW_N
Out
Level
External memory controller read/write. Read = High, write = Low.
Can also be used as an FPGA user I/O (see "IO" on page 5-6).
Inter-Integrated Circuit (I2C) Peripherals
I2C_0_SCL
In/out
1
I2C bus serial clock output. First I2C.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
I2C_0_SDA
In/out
1
I2C bus serial data input/output. First I2C.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
I2C_1_SCL
In/out
1
I2C bus serial clock output. Second I2C.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
I2C_1_SDA
In/out
1
I2C bus serial data input/output. Second I2C.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
Serial Peripheral Interface (SPI) Controllers
SPI_0_CLK
Out
1
Clock. First SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
SPI_0_DI
In
1
Data input. First SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
SPI_0_DO
Out
1
Data output. First SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
SPI_0_SS
Out
1
Slave select (chip select). First SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
SPI_1_CLK
Out
1
Clock. Second SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).
SPI_1_DI
In
1
Data input. Second SPI.
Can also be used as an MSS GPIO (see "GPIO_x" on page 5-6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com