Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 130 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 130 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 126Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 127Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 128Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 129Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 130Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 131Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 132Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 133Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 134Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 197 page
background image
Pin Descriptions
5- 16
R e v i sio n 1 2
Analog Front-End Pin-Level Function Multiplexing
Table 5-2 describes the relationships between the various internal signals found in the analog front-end
(AFE) and how they are multiplexed onto the external package pins. Note that, in general, only one
function is available for those pads that have numerous functions listed. The exclusion to this rule is
when a comparator is used; the ADC can still convert either input side of the comparator.
Table 5-2 • Relationships Between Signals in the Analog Front-End
Pin
ADC
Channel
Dir.-In
Option Prescaler
Current
Mon.
Temp.
Mon.
Compar.
LVTTL
SDD MUX
SDD
ABPS0 ADC0_CH1
ABPS0_IN
ABPS1 ADC0_CH2
ABPS1_IN
ABPS2 ADC0_CH5
ABPS2_IN
ABPS3 ADC0_CH6
ABPS3_IN
ABPS4 ADC1_CH1
ABPS4_IN
ABPS5 ADC1_CH2
ABPS5_IN
ABPS6 ADC1_CH5
ABPS6_IN
ABPS7 ADC1_CH6
ABPS7_IN
ABPS8 ADC2_CH1
ABPS8_IN
ABPS9 ADC2_CH2
ABPS9_IN
ADC0
ADC0_CH9
Yes
CMP1_P
LVTTL0_IN
ADC1
ADC0_CH10
Yes
CMP1_N
LVTTL1_IN SDDM0_OUT
ADC2
ADC0_CH11
Yes
CMP3_P
LVTTL2_IN
ADC3
ADC0_CH12
Yes
CMP3_N
LVTTL3_IN SDDM1_OUT
ADC4
ADC1_CH9
Yes
CMP5_P
LVTTL4_IN
ADC5
ADC1_CH10
Yes
CMP5_N
LVTTL5_IN SDDM2_OUT
ADC6
ADC1_CH11
Yes
CMP7_P
LVTTL6_IN
ADC7
ADC1_CH12
Yes
CMP7_N
LVTTL7_IN SDDM3_OUT
ADC8
ADC2_CH9
Yes
CMP9_P
LVTTL8_IN
ADC9
ADC2_CH10
Yes
CMP9_N
LVTTL9_IN SDDM4_OUT
ADC10 ADC2_CH11
Yes
LVTTL10_IN
ADC11 ADC2_CH12
Yes
LVTTL11_IN
CM0
ADC0_CH3
Yes
CM0_H
CMP0_P
CM1
ADC0_CH7
Yes
CM1_H
CMP2_P
CM2
ADC1_CH3
Yes
CM2_H
CMP4_P
CM3
ADC1_CH7
Yes
CM3_H
CMP6_P
CM4
ADC2_CH3
Yes
CM4_H
CMP8_P
SDD0
ADC0_CH15
SDD0_OUT
SDD1
ADC1_CH15
SDD1_OUT
Notes:
1. ABPSx_IN: Input to active bipolar prescaler channel x.
2. CMx_H/L: Current monitor channel x, high/low side.
3. TMx_IO: Temperature monitor channel x.
4. CMPx_P/N: Comparator channel x, positive/negative input.
5. LVTTLx_IN: LVTTL I/O channel x.
6. SDDMx_OUT: Output from sigma-delta DAC MUX channel x.
7. SDDx_OUT: Direct output from sigma-delta DAC channel x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com