Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 152 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 152 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 148Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 149Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 150Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 153Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 154Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 155Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 156Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 197 page
background image
Pin Descriptions
5- 38
R e v i sio n 1 2
94
ABPS5
ABPS5
95
ABPS4
ABPS4
96
GNDAQ
GNDAQ
97
GNDA
GNDA
98
NC
NC
99
GNDVAREF
GNDVAREF
100
VAREFOUT
VAREFOUT
101
PU_N
PU_N
102
VCC33A
VCC33A
103
PTEM
PTEM
104
PTBASE
PTBASE
105
SPI_0_DO/GPIO_16
SPI_0_DO/GPIO_16
106
SPI_0_DI/GPIO_17
SPI_0_DI/GPIO_17
107
SPI_0_CLK/GPIO_18
SPI_0_CLK/GPIO_18
108
SPI_0_SS/GPIO_19
SPI_0_SS/GPIO_19
109
UART_0_RXD/GPIO_21
UART_0_RXD/GPIO_21
110
UART_0_TXD/GPIO_20
UART_0_TXD/GPIO_20
111
UART_1_RXD/GPIO_29
UART_1_RXD/GPIO_29
112
UART_1_TXD/GPIO_28
UART_1_TXD/GPIO_28
113
VCC
VCC
114
VCCMSSIOB2
VCCMSSIOB2
115
GND
GND
116
I2C_1_SDA/GPIO_30
I2C_1_SDA/GPIO_30
117
I2C_1_SCL/GPIO_31
I2C_1_SCL/GPIO_31
118
I2C_0_SDA/GPIO_22
I2C_0_SDA/GPIO_22
119
I2C_0_SCL/GPIO_23
I2C_0_SCL/GPIO_23
120
GNDENVM
GNDENVM
121
VCCENVM
VCCENVM
122
JTAGSEL
JTAGSEL
123
TCK
TCK
124
TDI
TDI
Pin Number
PQ208
A2F200
A2F500
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com