Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 153 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 153 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 149Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 150Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 151Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 152Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 153Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 154Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 155Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 156Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 157Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 39
125
TMS
TMS
126
TDO
TDO
127
TRSTB
TRSTB
128
VJTAG
VJTAG
129
VDDBAT
VDDBAT
130
VCCLPXTAL
VCCLPXTAL
131
LPXOUT
LPXOUT
132
LPXIN
LPXIN
133
GNDLPXTAL
GNDLPXTAL
134
GNDMAINXTAL
GNDMAINXTAL
135
MAINXOUT
MAINXOUT
136
MAINXIN
MAINXIN
137
VCCMAINXTAL
VCCMAINXTAL
138
GND
GND
139
VCC
VCC
140
VPP
VPP
141
VCCFPGAIOB1
VCCFPGAIOB1
142
GDA0/IO31NDB1V0
GDA0/IO40NDB1V0
143
GDA1/IO31PDB1V0
GDA1/IO40PDB1V0
144
GDC0/IO29NSB1V0
GDC0/IO38NSB1V0
145
GCA0/IO28NDB1V0
GCA0/IO36NDB1V0 *
146
GCA1/IO28PDB1V0
GCA1/IO36PDB1V0 *
147
VCCFPGAIOB1
VCCFPGAIOB1
148
GND
GND
149
VCC
VCC
150
IO25NDB1V0
IO30NDB1V0
151
GCC2/IO25PDB1V0
GBC2/IO30PDB1V0
152
IO23NDB1V0
IO28NDB1V0
153
GCA2/IO23PDB1V0
GCA2/IO28PDB1V0 *
154
GBC2/IO21PSB1V0
GBB2/IO27NDB1V0
155
GBA2/IO20PSB1V0
GBA2/IO27PDB1V0
Pin Number
PQ208
A2F200
A2F500
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com