Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 169 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 169 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 165Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 166Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 167Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 168Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 169Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 170Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 171Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 172Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 173Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 197 page
background image
SmartFusion Customizable System-on-Chip (cSoC)
Re vi s i on 12
5 - 55
B3
NC
NC
B4
NC
NC
B5
VCCFPGAIOB0
VCCFPGAIOB0
B6
EMC_RW_N/GAA1/IO00PDB0V0
EMC_RW_N/GAA1/IO02PDB0V0
B7
NC
IO04PPB0V0
B8
VCCFPGAIOB0
VCCFPGAIOB0
B9
EMC_BYTEN[0]/GAC0/IO02NDB0V0
EMC_BYTEN[0]/GAC0/IO07NDB0V0
B10
EMC_AB[2]/IO05NDB0V0
EMC_AB[2]/IO09NDB0V0
B11
EMC_AB[3]/IO05PDB0V0
EMC_AB[3]/IO09PDB0V0
B12
EMC_AB[6]/IO07NDB0V0
EMC_AB[6]/IO12NDB0V0
B13
EMC_AB[14]/IO11NDB0V0
EMC_AB[14]/IO15NDB0V0
B14
EMC_AB[15]/IO11PDB0V0
EMC_AB[15]/IO15PDB0V0
B15
VCCFPGAIOB0
VCCFPGAIOB0
B16
EMC_AB[18]/IO13NDB0V0
EMC_AB[18]/IO18NDB0V0
B17
EMC_AB[19]/IO13PDB0V0
EMC_AB[19]/IO18PDB0V0
B18
VCCFPGAIOB0
VCCFPGAIOB0
B19
GBB0/IO18NDB0V0
GBB0/IO24NDB0V0
B20
GBB1/IO18PDB0V0
GBB1/IO24PDB0V0
B21
GND
GND
B22
GBA2/IO20PDB1V0
GBA2/IO27PDB1V0
C1
EMC_DB[14]/GAB2/IO71NDB5V0
EMC_DB[14]/GAB2/IO88NDB5V0
C2
NC
NC
C3
NC
NC
C4
NC
IO01NDB0V0
C5
NC
IO01PDB0V0
C6
EMC_CLK/GAA0/IO00NDB0V0
EMC_CLK/GAA0/IO02NDB0V0
C7
NC
IO03PPB0V0
C8
NC
IO04NPB0V0
C9
EMC_BYTEN[1]/GAC1/IO02PDB0V0
EMC_BYTEN[1]/GAC1/IO07PDB0V0
C10
EMC_OEN1_N/IO03PDB0V0
EMC_OEN1_N/IO08PDB0V0
C11
GND
GND
C12
VCCFPGAIOB0
VCCFPGAIOB0
C13
EMC_AB[8]/IO08NDB0V0
EMC_AB[8]/IO13NDB0V0
C14
EMC_AB[16]/IO12NDB0V0
EMC_AB[16]/IO17NDB0V0
Pin Number
FG484
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com