Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 170 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 170 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 166Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 167Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 168Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 169Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 170Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 171Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 172Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 173Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 174Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 197 page
background image
Pin Descriptions
5- 56
R e v i sio n 1 2
C15
EMC_AB[17]/IO12PDB0V0
EMC_AB[17]/IO17PDB0V0
C16
EMC_AB[24]/IO16NDB0V0
EMC_AB[24]/IO20NDB0V0
C17
EMC_AB[22]/IO15NDB0V0
EMC_AB[22]/IO19NDB0V0
C18
EMC_AB[23]/IO15PDB0V0
EMC_AB[23]/IO19PDB0V0
C19
GBA0/IO19NPB0V0
GBA0/IO23NPB0V0
C20
NC
NC
C21
GBC2/IO21PDB1V0
GBC2/IO30PDB1V0
C22
GBB2/IO20NDB1V0
GBB2/IO27NDB1V0
D1
GND
GND
D2
EMC_DB[12]/IO70NDB5V0
EMC_DB[12]/IO87NDB5V0
D3
EMC_DB[13]/GAC2/IO70PDB5V0
EMC_DB[13]/GAC2/IO87PDB5V0
D4
NC
NC
D5
NC
NC
D6
GND
GND
D7
NC
IO00NPB0V0
D8
NC
IO03NPB0V0
D9
GND
GND
D10
EMC_OEN0_N/IO03NDB0V0
EMC_OEN0_N/IO08NDB0V0
D11
EMC_AB[10]/IO09NDB0V0
EMC_AB[10]/IO11NDB0V0
D12
EMC_AB[11]/IO09PDB0V0
EMC_AB[11]/IO11PDB0V0
D13
EMC_AB[9]/IO08PDB0V0
EMC_AB[9]/IO13PDB0V0
D14
GND
GND
D15
GBC1/IO17PPB0V0
GBC1/IO22PPB0V0
D16
EMC_AB[25]/IO16PDB0V0
EMC_AB[25]/IO20PDB0V0
D17
GND
GND
D18
GBA1/IO19PPB0V0
GBA1/IO23PPB0V0
D19
NC
NC
D20
NC
NC
D21
IO21NDB1V0
IO30NDB1V0
D22
GND
GND
E1
GFC2/IO67PPB5V0
GFC2/IO84PPB5V0
E2
VCCFPGAIOB5
VCCFPGAIOB5
E3
GFA2/IO68PDB5V0
GFA2/IO85PDB5V0
E4
GND
GND
Pin Number
FG484
A2F200 Function
A2F500 Function
Notes:
1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank
assignment can be different for an I/O, or the function might be available only on a larger density device.
2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a
glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer
to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com