Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 188 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 188 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 184Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 185Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 186Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 187Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 188Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 192Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 197 page
background image
Datasheet Information
6- 6
R ev isio n 1 2
Revision 7
(continued)
The following sentence was removed from the "I/O Power-Up and Supply Voltage
Thresholds for Power-On Reset (Commercial and Industrial)" section because it is
incorrect (SAR 31047):
"The many different supplies can power up in any sequence with minimized current
spikes or surges."
2-4
Table 2-8 • Quiescent Supply Current Characteristics was divided into two tables: one
for power supplies configurations and one for quiescent supply current. SoC mode
was added to both tables (SAR 26378) and VCOMPLAx was removed from Table 2-8
• Power Supplies Configuration (SAR 29591). Quiescent supply current values were
updated in Table 2-9 • Quiescent Supply Current Characteristics (SAR 33067).
2-10
The "Total Static Power Consumption—PSTAT" section was revised: "NeNVM-BLOCKS *
PDC4" was removed from the equation for PSTAT (SAR 33067).
2-14
Table 2-14 • Different Components Contributing to Dynamic Power Consumption in
SmartFusion cSoCs and Table 2-15 • Different Components Contributing to the Static
Power Consumption in SmartFusion cSoCs were revised to reflect updates in the
SmartFusion power calculator (SARs 26405, 33067).
2-12,
2-13
Table 2-82 • A2F060 Global Resource is new (SAR 33132).
2-61
Output duty cycle was corrected to 50% in Table 2-83 • Electrical Characteristics of
the RC Oscillator. It was incorrectly noted as 1% previously. Operating current for 3.3
domain was added (SAR 32940).
2-61
Table 2-86 • SmartFusion CCC/PLL Specification was revised to add information and
measurements regarding CCC output peak-to-peak period jitter (SAR 32996).
2-63
The port names in the SRAM "Timing Waveforms", SRAM "Timing Characteristics"
tables, Figure 2-38 • FIFO Reset, and the FIFO "Timing Waveforms" tables were
revised to ensure consistency with the software names (SAR 29991).
2-66 to
2-75
Table 2-90 • eNVM Block Timing, Worst Commercial Case Conditions: TJ = 85°C,
VCC = 1.425 V was revised to correct the maximum frequencies (SAR 32410).
2-75
Table 2-97 • Comparator Performance Specifications was moved to the "SmartFusion
DC and Switching Characteristics" section from the SmartFusion Programmable
Analog User’s Guide because the information is extracted from characterization (SAR
24298).
2-83
The hysteresis section in Table 2-97 • Comparator Performance Specifications was
revised (SAR 33158).
2-83
The "SmartFusion Development Tools" was extensively updated (SAR 33216).
3-1
The text following Table 4-2 • JTAG Pin Descriptions was updated to add information
on control of the JTAGSEL pin. Manual jumpers on the evaluation and development
kits allow manual selection of this function for J-Link and ULINK debuggers (SAR
25592).
4-7
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com