Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO10PDB0V0 Datasheet(PDF) 192 Page - Microsemi Corporation

Part # IO10PDB0V0
Description  SmartFusion Customizable System-on-Chip (cSoC)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO10PDB0V0 Datasheet(HTML) 192 Page - Microsemi Corporation

Back Button IO10PDB0V0 Datasheet HTML 188Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 189Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 190Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 191Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 192Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 193Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 194Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 195Page - Microsemi Corporation IO10PDB0V0 Datasheet HTML 196Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 197 page
background image
Datasheet Information
6- 10
R e v i sio n 1 2
Revision 3
(continued)
In Table 2-3 • Recommended Operating Conditions5,6, the VDDBAT recommended
operating range was changed from "2.97 to 3.63" to "2.7 to 3.63" (SAR 25246).
Recommended operating range was changed to "3.15 to 3.45" for the following
voltages:
VCC33A
VCC33ADCx
VCC33AP
VCC33SDDx
VCCMAINXTAL
VCCLPXTAL
Two notes were added to the table (SAR 27109):
1. The following 3.3 V supplies should be connected together while following proper
noise
filtering
practices:
VCC33A,
VCC33ADCx,
VCC33AP,
VCC33SDDx,
VCCMAINXTAL, and VCCLPXTAL.
2. The following 1.5 V supplies should be connected together while following proper
noise filtering practices: VCC, VCC15A, and VCC15ADCx.
2-3
In Table 2-3 • Recommended Operating Conditions5,6, the description for
VCCLPXTAL was corrected to change "32 Hz" to "32 KHz" (SAR 27110).
2-3
The "Power Supply Sequencing Requirement" section is new (SAR 27178).
2-4
Table 2-8 • Power Supplies Configuration was revised to change most on/off entries
to voltages. Note 5 was added, stating that "on" means proper voltage is applied. The
values of 6 µA and 16 µA were removed for IDC1 and IDC2 for 3.3 V. A note was
added for IDC1 and IDC2: "Power mode and Sleep mode are consuming higher
current than expected in the current version of silicon. These specifications will be
updated when new version of the silicon is available" (SAR 27926).
2-10
The "Power-Down and Sleep Mode Implementation" section is new (SAR 27178).
2-11
A note was added to Table 2-86 • SmartFusion CCC/PLL Specification, pertaining to
fout_CCC, stating that "one of the CCC outputs (GLA0) is used as an MSS clock and is
limited to 100 MHz (maximum) by software" (SAR 26388).
2-63
Table 2-90 • eNVM Block Timing, Worst Commercial Case Conditions: TJ = 85°C,
VCC = 1.425 V was revised. Values were included for A2F200 and A2F500, for –1
and Std. speed grades. A note was added to define 6:1:1:1 and 5:1:1:1 (SAR 26166).
2-75
The units were corrected (mV instead of V) for input referred offset voltage,
GDEC[1:0] = 00 in Table 2-96 • ABPS Performance Specifications (SAR 25381).
2-81
The test condition values for operating current (ICC33A, typical) were changed in
Table 2-99 • Voltage Regulator (SAR 26465).
2-86
Figure 2-45 • Typical Output Voltage was revised to add legends for the three curves,
stating the load represented by each (SAR 25247).
2-87
The "SmartFusion Programming" chapter was moved to this document from the
SmartFusion Subsystem Microcontroller User’s Guide (SAR 26542). The "Typical
Programming and Erase Times" section was added to this chapter.
4-7
Figure 4-1 • TRSTB Logic was revised to change 1.5 V to "VJTAG (1.5 V to 3.3 V
nominal)" (SAR 24694).
4-8
Revision
Changes
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com