Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT45DB321D-CU Datasheet HTML 1Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
3597T–DFLASH–11/2013
Features
● Single 2.5V - 3.6V or 2.7V - 3.6V supply
● RapidS™ serial interface: 66MHz maximum clock frequency
● SPI compatible modes 0 and 3
● User configurable page size
● 512 bytes per page
● 528 bytes per page
● Page size can be factory preconfigured for 512 bytes
● Page program operation
● Intelligent programming operation
● 8,192 pages (512/528 bytes/page) main memory
● Flexible erase options
● Page erase (512 bytes)
● Block erase (4KB)
● Sector erase (64KB)
● Chip erase (32Mb)
● Two SRAM data buffers (512/528 bytes)
● Allows receiving data while reprogramming the flash array
● Continuous read capability through entire array
● Ideal for code shadowing applications
● Low power dissipation
● 7mA active read current ,typical
● 25μA standby current, typical
● 15μA deep power down, typical
● Hardware and software data protection features
● Individual sector
● Sector lockdown for secure code and data storage
● Individual sector
● Security: 128-byte security register
● 64-byte user programmable space
● Unique 64-byte device identifier
● JEDEC standard manufacturer and device ID read
● 100,000 program/erase cycles per page, minimum
● Data retention: 20 years
● Industrial temperature range
● Green (Pb/halide-free/RoHS compliant) packaging options
AT45DB321D
32Mb, 2.5V or 2.7V
DataFlash
DATASHEET
(NOT RECOMMENDED FOR NEW DESIGNS. USE AT45DB321E.)


Similar Part No. - AT45DB321D-CU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB321D-CU ATMEL-AT45DB321D-CU Datasheet
1Mb / 57P
32-megabit 2.7-volt DataFlash
logo
List of Unclassifed Man...
AT45DB321D-CU ETC2-AT45DB321D-CU Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
More results

Similar Description - AT45DB321D-CU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AT45DB081D AD-AT45DB081D_13 Datasheet
1Mb / 53P
8-megabit 2.5V or 2.7V DataFlash
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
32Mb, 2.5V or 2.7V DataFlash
logo
ATMEL Corporation
AT45DB161E ATMEL-AT45DB161E Datasheet
2Mb / 70P
16-Mbits DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
2-megabit 2.7V Minimum DataFlash
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
16-megabit 2.5V or 2.7V DataFlash
AT45DB161E ETC2-AT45DB161E Datasheet
2Mb / 73P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
32Mb, 2.5V or 2.7V DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
64-megabit 2.7V Dual-interface DataFlash
AT45DQ161 ETC2-AT45DQ161_14 Datasheet
2Mb / 82P
16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum
AT45DQ321 ETC2-AT45DQ321 Datasheet
2Mb / 82P
32-Mbit DataFlash (with Extra 1-Mbits), 2.3V or 2.5V Minimum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com