Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 40Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
22.
Detailed Bit-level Read Waveform –
RapidS Serial Interface Mode 0/Mode 3
Figure 22-1. Continuous Array Read (Legacy Opcode E8H)
Figure 22-2. Continuous Array Read (Opcode 0BH)
Figure 22-3. Continuous Array Read (Low Frequency: Opcode 03H)
SCK
CS
SI
SO
MSB
MSB
23
1
0
11101000
67
5
410 11
9
812
63
66 67
65
64
62
33 34
31 32
29 30
68
71 72
70
69
OPCODE
AAAA
A
AA
AA
MSB
XXXX
XX
MSB
MSB
DDDDDDDD
D
D
Address bits
32 Don't care bits
Data byte 1
High-impedance
Bit 4095/4223
of Page N
Bit 0 of
Page N+1
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
38
33 34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
A
AA
AA
MSB
XXXX
XX
MSB
MSB
DDDDDDDD
D
D
Address bits a21 - a0
Don't care
Data byte 1
High-impedance
36 37
35
X
X
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
A
AA
AA
MSB
MSB
DDDDDDDD
D
D
Address bits a21-a0
Data byte 1
High-impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com