Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 36 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 36 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 37Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 38Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 39Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 40Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
Figure 21-2. Main Memory Page Read
Figure 21-3. Main Memory Page to Buffer Transfer (Data from Flash Page Read into Buffer)
Figure 21-4. Buffer Read
SI (INPUT)
CMD
PA12-6
PA5-0, BA9-8
X
CS
n
n+1
SO (OUTPUT)
BA7-0
4 Dummy bytes
X
Address for Binary Page Size
A21-A16
A15-A8
A7-A0
Starts reading page data into buffer
SI (INPUT)
CMD
PA12-6
PA5-0, XX
CS
SO (OUTPUT)
XXXX XXXX
Binary Page Size
A21-a9 + 9 Don't care bits
CMD
CS
n
n+1
X
X
X..X, BFA9-8
BFA7- 0
Binary Page Size
15 Don't care + Bfa8-bfa0
Each transition
represents 8 bits
SI (INPUT)
SO (OUTPUT)
No dummy byte (opcodes D1H and D3H)
1 dummy byte (opcodes D4H and D6H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com