Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 15Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 16Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 17Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 18Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
8.2.1
Programming the Security Register
The user programmable portion of the security register does not need to be erased before it is programmed.
To program the security register, the CS pin must first be asserted, and then the appropriate four-byte opcode sequence must
be clocked into the device in the correct order. The four-byte opcode sequence must start with 9BH, and be followed by 00H,
00H, and 00H. After the last bit of the opcode sequence has been clocked into the device, the data for the content of the 64-byte
user programmable portion of the security register must be clocked in.
After the last data byte has been clocked in, the CS pin must be deasserted to initiate the internally self-timed program cycle.
The programming of the security register should take place in a maximum time of tP, during which the status register will indicate
that the device is busy. If the device is powered down during the program cycle, then the contents of the 64-byte user
programmable portion of the security register cannot be guaranteed.
If the full 64 bytes of data are not clocked in before the CS pin is deasserted, then the values of the byte locations not clocked in
cannot be guaranteed. For example, if only the first two bytes are clocked in instead of the complete 64 bytes, then the
remaining 62 bytes of the user programmable portion of the security register cannot be guaranteed. Furthermore, if more than
64 bytes of data are clocked into the device, then the data will wrap back around to the beginning of the register. For instance, if
65 bytes of data are clocked in, then the 65th byte will be stored at byte location 0 of the security register.
The user programmable portion of the security register can be programmed only once. Therefore, it is not possible to program
only the first two bytes of the register and then program the remaining 62 bytes at a later time.
The program security register command utilizes the internal SRAM buffer 1 for processing. Therefore, the contents of buffer 1
will be altered from its previous state when this command is issued.
Figure 8-3. Program Security Register
8.2.2
Reading the Security Register
The security register can be read by first asserting the CS pin and then clocking in an opcode of 77H, followed by three dummy
bytes. After the last don't care bit has been clocked in, the content of the security register can be clocked out on the SO pin.
After the last byte of the security register has been read, additional pulses on the SCK pin will simply result in undefined data
being output on the SO pin.
Deasserting the CS pin will terminate the read security register operation and put the SO pin into a high-impedance state.
Figure 8-4. Read Security Register
Data byte
n
Opcode
byte 1
Opcode
byte 2
Opcode
byte 3
Opcode
byte 4
Data byte
n + 1
Data byte
n + x
CS
Each transition
represents 8 bits
SI
Opcode
X
X
X
Data byte
n
Data byte
n + 1
CS
Data byte
n + x
Each transition
represents 8 bits
SI
SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com