Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321D-CU Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AT45DB321D-CU
Description  32Mb, 2.5V or 2.7V DataFlash
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB321D-CU Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT45DB321D-CU Datasheet HTML 29Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 30Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 31Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 32Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 33Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 34Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 35Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 36Page - List of Unclassifed Manufacturers AT45DB321D-CU Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33
AT45DB321D [DATASHEET]
3597T–DFLASH–11/2013
19.1
Utilizing the RapidS Function
To take advantage of the RapidS function's ability to operate at higher clock frequencies, a full clock cycle must be used to
transmit data back and forth across the serial bus. The DataFlash device is designed to always clock its data out on the falling
edge of the SCK signal and clock data in on the rising edge of SCK.
For full clock cycle operation to be achieved when the DataFlash device is clocking data out on the falling edge of SCK, the host
controller should wait until the next falling edge of SCK to latch the data in. Similarly, the host controller should clock its data out
on the rising edge of SCK in order to give the DataFlash device a full clock cycle to latch the incoming data in on the next rising
edge of SCK.
Figure 19-1. RapidS Mode
Figure 19-2. Reset Timing
Note:
The CS signal should be in the high state before the RESET signal is deasserted.
SCK
MOSI
MISO
1
234567
81
234567
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the host controller and the Slave is the DataFlash
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE-MOSI on the rising edge of SCK
B.
Slave clocks in first bit of BYTE-MOSI on the next rising edge of SCK
C.
Master clocks out second bit of BYTE-MOSI on the same rising edge of SCK
D.
Last bit of BYTE-MOSI is clocked out from the Master
E.
Last bit of BYTE-MOSI is clocked into the slave
F.
Slave clocks out first bit of BYTE-SO
G.
Master clocks in first bit of BYTE-SO
H.
Slave clocks out second bit of BYTE-SO
I.
Master clocks in last bit of BYTE-SO
A
B
C
D
E
F
G
1
H
BYTE-MOSI
MSB
LSB
BYTE-SO
MSB
LSB
Slave
CS
I
CS
SCK
RESET
SO (OUTPUT)
High impedance
High impedance
SI (INPUT)
tRST
tREC
tCSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com