Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICASO Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button PICASO Datasheet HTML 16Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 17Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 18Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 19Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 20Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 21Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 22Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 23Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 22 of 23
www.4dsystems.com.au
16. Specifications and Ratings
ABSOLUTE MAXIMUM RATINGS
Operating ambient temperature ................................................................................................... -40°C to +85°C
Storage temperature ........................................................................................................................ -65°C +150°C
Voltage on VCC with respect to GND ................................................................................................. -0.3V to 4.0V
Maximum current out of GND pin .............................................................................................................. 300mA
Maximum current into VCC pin .................................................................................................................. 250mA
Maximum output current sunk/sourced by any pin .................................................................................... 4.0mA
Total power dissipation ................................................................................................................................. 1.0W
NOTE: Stresses above those listed here may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at those or any other conditions above those indicated in the
recommended operation listings of this specification is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage (VCC)
3.0
3.3
3.6
V
Operating Temperature
-40
--
+80
°C
External Crystal (Xtal)
--
12.00
--
Mhz
Input Low Voltage (VIL)
VCC = 3.3V, all pins
VGND
--
0.2VCC
V
Input High Voltage (VIH)
VCC = 3.3V, non 5V tolerant pins
0.8VCC
--
VCC
V
Input High Voltage (VIH)
All GPIO pins, RX0 and TX0 pins
0.8VCC
--
5.5
V
GLOBAL CHARACTERISTICS BASED ON OPERATING CONDITIONS
Parameter
Conditions
Min
Typ
Max
Units
Supply Current (ICC)
VCC = 3.3V
--
50
90
mA
Internal Operating Frequency
Xtal = 12.00Mhz
--
48.00
--
Mhz
Output Low Voltage (VOL)
VCC = 3.3V, IOL = 3.4mA
--
--
0.4
V
Output High Voltage (VOH)
VCC = 3.3V, IOL = -2.0mA
2.4
--
--
V
A/D Converter Resolution
XR, YU pins
8
--
10
bits
Capacitive Loading
CLK1, CLK2 pins
--
--
15
pF
Capacitive Loading
All other pins
--
--
50
pF
Flash Memory Endurance
PmmC Programming
--
10000
--
E/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com