Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICASO Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PICASO Datasheet HTML 1Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 2Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 3Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 5 of 23
www.4dsystems.com.au
4. Pin Configuration and Summary
PICASO Processor Pin Out
Pin
Symbol I/O Description
1
IO1
I/O
General Purpose IO1 pin. This pin is 5.0V tolerant.
2
XR
A
4-Wire Resistive Touch Screen Right signal. Connect this pin to XR or X+
signal of the touch panel.
3
YU
A
4-Wire Resistive Touch Screen Up signal. Connect this pin to YU or Y+ signal
of the touch panel.
4
SCK
O
SPI Serial Clock output. SD memory card use only. Connect this pin to the SPI
Serial Clock (SCK) signal of the memory card.
5
SDI
I
SPI Serial Data Input. SD memory card use only. Connect this pin to the SPI
Serial Data Out (SDO) signal of the memory card.
6
SDO
O
SPI Serial Data Output. SD memory card use only. Connect this pin to the SPI
Serial Data In (SDI) signal of the memory card.
7
RESET
I
Master Reset signal. Connect a 4.7K resistor from this pin to VCC.
8
SDCS
O
SD Memory-Card Chip Select. SD memory card use only. Connect this pin to
the Chip Enable (CS) signal of the memory card.
9, 20, 25, 41
GND
P
Device Ground.
10, 19, 26,
38, 57
VCC
P
Device Positive Supply.
I = Input, O = Output, P = Power, A = Analogue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com