Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICASO Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PICASO Datasheet HTML 3Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 9Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 10Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 7 of 23
www.4dsystems.com.au
I = Input, O = Output, P = Power, A = Analogue
PICASO Processor Pin Out (continued…)
Pin
Symbol
I/O Description
52
BUS2
I/O
General Purpose Parallel I/O BUS(0..7), bit 2. This pin is 5.0V tolerant.
53
BUS3
I/O
General Purpose Parallel I/O BUS(0..7), bit 3. This pin is 5.0V tolerant.
54
BUS4
I/O
General Purpose Parallel I/O BUS(0..7), bit 4. This pin is 5.0V tolerant.
55
BUS5
I/O
General Purpose Parallel I/O BUS(0..7), bit 5. This pin is 5.0V tolerant.
56
REF
P
Internal voltage regulator filter capacitor. Connect a 4.7uF to 10uF capacitor
from this pin to Ground.
58
WR
O
Display Write strobe signal. PICASO asserts this signal LOW when writing data
to the display. Connect this pin to the Write (WR) signal of the display.
59
RD
Display Read strobe signal. PICASO asserts this signal LOW when reading data
from the display. Connect this pin to the Read (RD) signal of the display.
60
CS
O
Display Chip Select. PICASO asserts this signal LOW when accessing the
display. Connect this pin to the Chip Select (CS) signal of the display.
61
RS
O
Display Register Select.
LOW: Display index or status register is selected.
HIGH: Display GRAM or register data is selected.
Connect this pin to the Register Select (RS or A0 or C/D or similar naming
convention) signal of the display.
62
IO4/BUS_RD
I/O
General Purpose IO4 pin. Also used for BUS_RD signal to read and latch the
data in to the parallel GPIO BUS(0..7).
63
IO3
I/O
General Purpose IO3 pin. This pin is 5.0V tolerant.
64
IO2
I/O
General Purpose IO2 pin. This pin is 5.0V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com