Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICASO Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PICASO Datasheet HTML 2Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 3Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 9Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 6 of 23
www.4dsystems.com.au
I = Input, O = Output, P = Power, A = Analogue
PICASO Processor Pin Out (continued…)
Pin
Symbol
I/O Description
11
D5
I/O
Display Data Bus bit 5.
12
D4
I/O
Display Data Bus bit 4.
13
D3
I/O
Display Data Bus bit 3.
14
D2
I/O
Display Data Bus bit 2.
15
D1
I/O
Display Data Bus bit1.
16
D0
I/O
Display Data Bus bit 0.
17
D6
I/O
Display Data Bus bit 6.
18
D7
I/O
Display Data Bus bit 7.
21
D8
I/O
Display Data Bus bit 8.
22
D9
I/O
Display Data Bus bit 9.
23
D10
I/O
Display Data Bus bit 10.
24
D11
I/O
Display Data Bus bit 11.
27
D12
I/O
Display Data Bus bit 12.
28
D13
I/O
Display Data Bus bit 13.
29
D14
I/O
Display Data Bus bit 14.
30
D15
I/O
Display Data Bus bit 15.
31
RX1
I
Asynchronous Serial port COM1 receive pin, RX1. Connect this pin to external
serial device Transmit (Tx) signal. This pin is 5.0V tolerant.
32
TX1
O
Asynchronous Serial port COM1 transmit pin, TX1. Connect this pin to
external serial device receive (Rx) signal. This pin is 5.0V tolerant.
33
TX0
O
Asynchronous Serial port Transmit pin, TX. Connect this pin to host micro-
controller Serial Receive (Rx) signal. The host receives data from PICASO via
this pin. This pin is 5.0V tolerant.
34
RX0
I
Asynchronous Serial port Receive pin, RX. Connect this pin to host micro-
controller Serial Transmit (Tx) signal. The host transmits data to PICASO via
this pin. This pin is 5.0V tolerant.
35
RES
O
Display RESET. PICASO initialises the display by strobing this pin LOW.
Connect this pin to the Reset (RES) signal of the display.
36
SDA
I/O
I2C Data In/Out.
37
SCL
O
I2C Clock Output.
39
CLK1
I
Device Clock input 1 of a 12MHz crystal.
40
CLK2
O
Device Clock input 2 of a 12MHz crystal.
42
BUS6
I/O
General Purpose Parallel I/O BUS(0..7), bit 6. This pin is 5.0V tolerant.
43
BUS7
I/O
General Purpose Parallel I/O BUS(0..7), bit 7. This pin is 5.0V tolerant.
44
IO5/BUS_WR
I/O
General Purpose IO5 pin. Also used for BUS_WR signal to write and latch the
data to the parallel GPIO BUS(0..7).
45
AUDENB
O
Audio Enable. Connect this pin to amplifier control.
LOW: Enable external Audio amplifier.
HIGH : Disable external Audio amplifier.
46
AUDIO
O
Pulse Width Modulated (PWM) Audio output. Connect this pin to a 2 stage
low pass filter then into an audio amplifier.
47
XL
O
4-Wire Resistive Touch Screen Left signal. Connect this pin to XL or X- signal
of the touch panel.
48
YD
O
4-Wire resistive touch screen bottom signal. Connect this pin to YD or Y-
signal of the touch panel.
49
DCENB
O
DC-DC high voltage enable signal. This maybe the high voltage that drives the
LCD backlight or the OLED panel supply.
High: Enable DC-DC converter.
Low : Disable DC-DC converter.
50
BUS0
I/O
General Purpose Parallel I/O BUS(0..7), bit 0. This pin is 5.0V tolerant.
51
BUS1
I/O
General Purpose Parallel I/O BUS(0..7), bit 1. This pin is 5.0V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com