Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PICASO Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PICASO
Description  Embedded Graphics Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PICASO Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PICASO Datasheet HTML 4Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 5Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 6Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 7Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 8Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 9Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 10Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 11Page - List of Unclassifed Manufacturers PICASO Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
4D SYSTEMS
PICASO Processor
© 2012 4D SYSTEMS
Page 8 of 23
www.4dsystems.com.au
5. Pin Description
The PICASO Processor provides both a hardware
and a software interface. This section describes in
detail the hardware interface pins of the device.
Display Interface
5.1.
The PICASO supports LCD and OLED displays with
an 80-Series 16-bit wide CPU data interface. The
connectivity to the display is easy and straight
forward. The PICASO generates all of the necessary
timing to drive the display.
CS RS RD WR Operation
0
0
0
1 Read Display Status Register
0
0
1
0 Write Display Index Register
0
1
0
1 Read Display GRAM Data
0
1
1
0 Write Register or GRAM Data
1
X
X
X No Operation
Display Operation Table
D0-D15 pins (Display Data Bus):
The Display Data Bus (D0-D15) is a 16-bit
bidirectional port and all display data writes and
reads occur over this bus. Other control signals
such as RW, RD CS, and RS synchronise the data
transfer to and from the display.
CS pin (Display Chip Select):
The access to the display is only possible when the
Display Chip Select (CS) is asserted LOW. Connect
this pin to the Chip Select (CS) signal of the display.
RS pin (Display Register Select):
The RS signal determines whether a register
command or data is sent to the display.
LOW: Display index or status register is
selected.
HIGH: Display GRAM or register data is
selected.
Connect this pin to the Register Select (RS) signal
of the display. Different displays utilise various
naming conventions such as RS, A0, C/D or similar.
Be sure to check with your display manufacturer
for the correct name and function.
RES pin (Display Reset):
Display RESET. PICASO initialises the display by
strobing this pin LOW. Connect this pin to the
Reset (RES) signal of the display.
DCENB pin (External DC/DC Enable):
DC-DC high voltage enable signal. This maybe the
high voltage that drives the LCD backlight or the
OLED panel supply.
WR pin (Display Write):
This is the display write strobe signal. The PICASO
asserts this signal LOW when writing data to the
display in conjunction with the display data bus
(D0-D15). Connect this pin to the Write (WR) signal
of the display.
Item
Sym
Min Typ Max Unit
Write Low Pulse
tWL
50
-
-
ns
Write High Pulse
tWH
50
-
-
ns
Write Bus Cycle Total
tWT
100
-
-
ns
Write Data Setup
tDS
25
-
-
ns
RD pin (Display Read):
This is the display read strobe signal. The PICASO
asserts this signal LOW when reading data from
the display in conjunction with the display data
bus (D0-D15). Connect this pin to the Read (RD)
signal of the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com