Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT412 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT412
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT412 Datasheet HTML 1Page - Active-Semi, Inc ACT412 Datasheet HTML 2Page - Active-Semi, Inc ACT412 Datasheet HTML 3Page - Active-Semi, Inc ACT412 Datasheet HTML 4Page - Active-Semi, Inc ACT412 Datasheet HTML 5Page - Active-Semi, Inc ACT412 Datasheet HTML 6Page - Active-Semi, Inc ACT412 Datasheet HTML 7Page - Active-Semi, Inc ACT412 Datasheet HTML 8Page - Active-Semi, Inc ACT412 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ACT412
Rev 1, 30-Oct-13
Innovative PowerTM
- 3 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 18V, LM = 0.5mH, RCS = 0.75Ω, VOUT = 13V, NP = 68, NS =12, NA = 17, TA = 25°C, unless otherwise specified,12V0.4A applica-
tion)
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods.
PARAMETER
VALUE
UNIT
FB, CS, COMP to GND
-0.3 to + 6
V
VDD, GATE to GND
-0.3 to + 22
V
Maximum Power Dissipation (SOT23-6)
0.45
W
Operating Junction Temperature
-40 to 150
˚C
Junction to Ambient Thermal Resistance (θJA)
220
˚C/W
Operating Junction Temperature
-40 to 150
˚C
Storage Temperature
-55 to 150
˚C
Lead Temperature (Soldering, 10 sec)
300
˚C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD Turn-On Voltage
VDDON
VDD Rising from 0V
11.11
12.35
13.58
V
VDD Turn-Off Voltage
VDDOFF
VDD Falling after Turn-on
4.8
5.4
6
V
VDD Over Voltage Protection
VDDOVP
VDD Rising from 0V
18.45
20.5
22.55
V
Start Up Supply Current
IDDST
VDD = 11V, before VDD Turn-on
5
10
µA
IDD Supply Current
IDD
VDD = 12V, after VDD Turn-on (no
switching)
0.55
1
mA
IDD Supply Current at Fault Mode
IDD
VDD = 12V, after VDD Turn-on,
fault = 1
0.25
mA
Feedback
Effective FB Reference Voltage
VFBREF
2.23
2.25
2.28
V
FB Sampling Blanking Time
TFB_BLK
Light load
0.38
0.45
0.52
µs
Heavy Load
1.1
1.3
1.5
µs
Time needed for FB Sampling
(After blanking)
FB sampling
0.5
0.65
0.75
µs
CC and Knee point detecting
0.22
0.25
0.29
µs
FB Leakage Current
IBVFB
VFB = 3V
1
µA
Current Limit
CS Current Limit Threshold
VCSLIM1
VOUT = 12V
0.5
V
VCSLIM2
VOUT = 6V
0.75
V
CS Minimum Current Limits
Threshold
VCSMIN
300
mV
CS to GATE Propagation Delay
60
ns
Leading Edge Blanking Time
TCSBLANK
Light Load
150
ns
Heavy Load
636
ns
TFB_SAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com