Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT412 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT412
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT412 Datasheet HTML 1Page - Active-Semi, Inc ACT412 Datasheet HTML 2Page - Active-Semi, Inc ACT412 Datasheet HTML 3Page - Active-Semi, Inc ACT412 Datasheet HTML 4Page - Active-Semi, Inc ACT412 Datasheet HTML 5Page - Active-Semi, Inc ACT412 Datasheet HTML 6Page - Active-Semi, Inc ACT412 Datasheet HTML 7Page - Active-Semi, Inc ACT412 Datasheet HTML 8Page - Active-Semi, Inc ACT412 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ACT412
Rev 1, 30-Oct-13
Innovative PowerTM
- 5 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Protection
CS Short Waiting Time
2
2.25
3
µs
CS Short Detection Threshold
0.1
0.15
V
CS Open Threshold Voltage
1.75
V
Abnormal OCP Blanking Time
190
ns
Inductance Short CS Threshold Voltage
1.75
V
Thermal Shutdown Temperature
135
˚C
Thermal Hysteresis
20
˚C
Line UVLO
IFBUVLO
0.2
mA
Line UVLO Hysteresis
20
µA
Line OVP
IFBOVP
2.4
mA
Valley Detection
Valley Detection Time Window
VCOMP = 0.45V
3.3
µs
Vo Short
Detection Threshold
VFBUVLO
0.28
V
VFB Over Voltage Protection
3
V
ELECTRICAL CHARACTERISTICS CONT’D
(VDD = 18V, LM = 0.5mH, RCS = 0.75Ω, VOUT = 13V, NP = 68, NS =12, NA = 17, TA = 25°C, unless otherwise specified,12V0.4A applica-
tion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com