Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT412 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT412
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT412 Datasheet HTML 4Page - Active-Semi, Inc ACT412 Datasheet HTML 5Page - Active-Semi, Inc ACT412 Datasheet HTML 6Page - Active-Semi, Inc ACT412 Datasheet HTML 7Page - Active-Semi, Inc ACT412 Datasheet HTML 8Page - Active-Semi, Inc ACT412 Datasheet HTML 9Page - Active-Semi, Inc ACT412 Datasheet HTML 10Page - Active-Semi, Inc ACT412 Datasheet HTML 11Page - Active-Semi, Inc ACT412 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ACT412
Rev 1, 30-Oct-13
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
current limit compensation circuit to achieve
constant power over wide line and wide load range.
Frequency Fold-back
When the load drops to 75% of full load level,
ACT412 starts to decrease the switching frequency,
which is proportional to the load current ,to improve
the efficiency of the converter as show in Functional
Block Diagram.
This enables the application to meet all latest green
energy standards. The actual minimum switching
frequency is programmable with a small dummy
load (while still meeting standby power).
Valley Switching
ACT412 employed valley switching from medium
load to heavy load to reduce switching loss and
EMI. After the switch is turned off, the ringing
voltage from the auxiliary winding is applied to the
VFB pin through feedback network R5, R6.
Internally, the VFB pin is connected to an zero-
crossing detector to generate the switch turn on
signal when the conditions are met. In light load, the
frequency fold back scheme starts to take control to
determine the switch turn on signal, so thus the
switching frequency.
Figure 1:
Valley Switching at heavy load
Protection Features
The ACT412 provides full protection functions. The
following table summarizes all protection functions.
Auto-Restart Operation
ACT412 will enter auto-restart mode when a fault is
identified. There is a startup phase in the auto-
restart mode. After this startup phase the conditions
are checked whether the failure is still present.
Normal operation proceeds once the failure mode is
removed. Otherwise, new startup phase will be
initiated again.
To reduce the power loss during fault mode, the
startup delay control is implemented. The startup
delay time increases over lines.
Short Circuit Protection
When the secondary side output is short circuited,
the ACT412 enters hiccup mode operation. This
hiccup behavior continues until the short circuit is
removed.
FB Over Voltage Protection
The
ACT412
includes
output
over-voltage
protection circuitry, which shuts down the IC when
the output voltage is 40% above the normal
regulation voltage 4 consecutive switching cycles.
The ACT412 enters hiccup mode when an output
over voltage fault is detected.
VDD Over Voltage Protection
ACT412 can monitor the converter output voltage.
The voltage generated by the auxiliary winding
tracks converter’s output voltage through VDD,
which is in proportion to the turn ratio (VOUT+VDIODE)
хNA/NS. When the VOUT is abnormally higher than
design value for four consecutive cycles, IC will
FUNCTIONAL DESCRIPTION CONT’D
Vdrain_gndMosfet
t
DCvoltage
T
Ton
Possible Valley turn on
PROTECTION
FUNCTIONS
FAILURE
CONDITION
PROTECTION
MODE
VDD Over Voltage
VDD > 20.5V
(4 duty cycle)
Auto Restart
Over Temperature
T > 135˚C
Auto Restart
Short Winding/
Short Diode
VCS > 1.75V
Auto Restart
Over Load
IPK = ILIMIT
Auto Restart
Output Short
Circuit
VFB < 0.28V
Auto Restart
Open Loop
No switching for
4 cycle
Auto Restart
VCC Under
Voltage
VCC < 6.8V
Auto Restart
VFB Over Voltage
VFB > 3V
(4 duty cycle)
Auto Restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com