Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT412 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT412
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT412 Datasheet HTML 8Page - Active-Semi, Inc ACT412 Datasheet HTML 9Page - Active-Semi, Inc ACT412 Datasheet HTML 10Page - Active-Semi, Inc ACT412 Datasheet HTML 11Page - Active-Semi, Inc ACT412 Datasheet HTML 12Page - Active-Semi, Inc ACT412 Datasheet HTML 13Page - Active-Semi, Inc ACT412 Datasheet HTML 14Page - Active-Semi, Inc ACT412 Datasheet HTML 15Page - Active-Semi, Inc ACT412 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ACT412
Rev 1, 30-Oct-13
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
Figure 2:
ACT412, Universal VAC Input, 12V/400mA Output Charger
4
2
0
6
8
10
12
14
16
Output Current (mA)
0
300
600
900
1400
1200
Low Limit
High Limit
264V
230V
115V
V-I Characteristic vs. VIN (25˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com