Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT412 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT412
Description  Patented Primary Side Regulation Technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT412 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT412 Datasheet HTML 9Page - Active-Semi, Inc ACT412 Datasheet HTML 10Page - Active-Semi, Inc ACT412 Datasheet HTML 11Page - Active-Semi, Inc ACT412 Datasheet HTML 12Page - Active-Semi, Inc ACT412 Datasheet HTML 13Page - Active-Semi, Inc ACT412 Datasheet HTML 14Page - Active-Semi, Inc ACT412 Datasheet HTML 15Page - Active-Semi, Inc ACT412 Datasheet HTML 16Page - Active-Semi, Inc ACT412 Datasheet HTML 17Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ACT412
Rev 1, 30-Oct-13
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Proprietary―For Authorized Recipients and Customers
ActivePSR
TM is a trademark of Active-Semi.
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT412,SOT23-6
1
Active-Semi.
2
C1,C2
Capacitor, Electrolytic, 6.8µF/400V, 10x12mm
2
KSC
3
C3
Capacitor, Ceramic, 1000pF/500V, 0805,SMD
1
POE
4
C4
Capacitor, Electrolytic,4.7µF/35V,5x11mm
1
KSC
5
C5,C6
Capacitor, Electrolytic, 330µF/16V, 8x11.5mm
2
KSC
6
C8
Capacitor, Ceramic, 0.1µF/25V, 0805,SMD
1
POE
7
C9
Capacitor, Ceramic, 1000pF/100V, 0805,SMD
1
POE
8
C10
Capacitor, Ceramic, 200pF/50V, 0805,SMD
1
POE
9
CY1
Safety Y1,Capacitor,1000pF/400V,Dip
1
UXT
10
D1-D4
Diode,Rectifier,1000V/1A,1N4007, DO-41
4
Good-Ark
11
D5
Fast Recovery Rectifier, RS1M,1000V/1.0A, RMA
1
PANJIT
12
D6
Fast Recovery Rectifier,RS1D,200V/1.0A,SMA
1
PANJIT
13
D7
NC
14
D8
Diode, schottky, 100V/3A, SB3100, DO-47
1
Good-Ark
15
L1
Axial Inductor, 1.5mH, 5*7,Dip
1
SoKa
16
L2
Axial Inductor, 0.55*5T, 5*7,Dip
1
SoKa
17
Q1
Mosfet Transistor, 4N60,TO-220
1
Infineon
18
PCB1
PCB, L*W*T=52.2x30x1.6mm,Cem-1,Rev:A
1
Jintong
19
FR1
Fuse,1A/250V
1
TY-OHM
20
R1
Chip Resistor, 51Ω, 0805, 5%
1
TY-OHM
21
R2
Chip Resistor, 510KΩ, 1206, 5%
1
TY-OHM
22
R3
Chip Resistor, 100Ω, 0805, 5%
1
TY-OHM
23
R4,R13
Chip Resistor, 22Ω, 0805, 5%
2
TY-OHM
24
R5
Chip Resistor, 45.3KΩ, 0805,1%
1
TY-OHM
25
R6
Chip Resistor, 6.9KΩ, 0805, 1%
1
TY-OHM
26
R7,R8
Chip Resistor, 1.5MΩ, 0805 , 5%
2
TY-OHM
27
R9
Chip Resistor, 0.75Ω, 1206,1%
1
TY-OHM
28
R11
Chip Resistor, 6.8KΩ, 0805, 5%
1
TY-OHM
29
R12
Chip Resistor, 3KΩ, 0805 , 5%
1
TY-OHM
30
R14
Chip Resistor, 390Ω, 0805 , 5%
1
TY-OHM
31
R15
Chip Resistor, 100KΩ, 0805 , 5%
1
TY-OHM
32
T1
Transformer, Lp=0.5mH, EE16
1
Table 2:
ACT412 Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com