Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801CQL-T Datasheet(PDF) 14 Page - Active-Semi, Inc

Part # ACT2801CQL-T
Description  5V/1.5A Backup Battery Pack Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801CQL-T Datasheet(HTML) 14 Page - Active-Semi, Inc

Back Button ACT2801CQL-T Datasheet HTML 10Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 11Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 12Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 13Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 14Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 15Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 16Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 17Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 18Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Rev 2, 15-Apr-14
Innovative PowerTM
- 14 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
ACT2801/ACT2801C
Table 4: Battery Impedance
Boost Output Plug-in Auto Detection
Figure 14 provides a solution for auto plug-in
detection.
Input Over Voltage Surge
In the case of pure ceramic input capacitor is
chosen, if the input cable is long, stray inductance
may cause over voltage spikes as twice as the
steady-state voltage when input source is plugged
in. Below input circuit is recommended to avoid
input voltage surge. R1 resistor is added in series
with capacitor C1 to damp the potential LC
resonance as shown in Figure 15.
External Input Over Voltage Protection
Considering the maximum voltage rating at VIN pin,
the external OVP circuit as shown in Figure 16 is
recommended if input voltage may go higher than
7V. With the enhanced OVP circuit, input voltage
can be up to 18V.
LEDs on in Boost Mode
LEDs can be always on during boost mode, the
schematic is shown in Figure17.
Inductor and Capacitor Selection
ACT2801/ACT2801C supports SMD components.
2.2uH inductor is recommended. Input side, 4.7uF
ceramic capacitor in series with 2.7Ω resistor are
recommended, on battery and output sides, 22uF
ceramic capacitors are recommended.
Battery Temperature Monitoring
ACT2801 continuously monitors the temperature of
the battery pack by sensing the resistance of its
thermistor,
and
suspends
charging
if
the
temperature of the battery pack exceeds the safety
limits.
In a typical application, the TH pin is connected to
the battery pack's thermistor input as shown in
Figure 18. The ACT2801 injects a 60µA current out of
the TH pin into the thermistor, so that the thermistor
resistance is monitored by comparing the voltage at
TH to the internal VTHL and VTHH thresholds of 0.3V
and 1.5V, respectively. When VTH > VTHH or VTH < VTHL
charging and the charge timers are suspended. When
VTH returns to the normal range, charging and the
charge timers resume.
The threshold is given by:
60µA×RNOM×kHOT=0.3V→ RNOM×kHOT=5kΩ
60µA×RNOM×kCOLD=1.5V → RNOM×kCOLD= 25kΩ
where RNOM is the nominal thermistor resistance at
room temperature, and kHOT and kCOLD are the ratios
of the thermistor's resistance at the desired hot and
cold thresholds, respectively.
RIMC(KΩ)
50
100
200
Battery
Impedance
R(mΩ)
Rcs=25mΩ
50
100
200
Rcs=50mΩ
100
200
400
Figure 14.
Boost output auto detection circuit
Figure 15. Input over voltage surge protection circuit
Figure 16.
Input over voltage protection
Figure 17. LEDs on in boost mode circuit
Figure 18.
Battery thermal circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com