Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801CQL-T Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2801CQL-T
Description  5V/1.5A Backup Battery Pack Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801CQL-T Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2801CQL-T Datasheet HTML 6Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 7Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 8Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 9Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 10Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 11Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 12Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 13Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev 2, 15-Apr-14
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
ACT2801/ACT2801C
Figure 2:
ACT2801C System Operation Flow Chart
FUNCTIONAL DESCRIPTION
Input Current Limit
When the input current reaches the programmed
value, switch Q1 goes into linear mode and output
voltage starts to drop. When output voltage drops to
4.25V, hiccup mode is triggered and switch Q1
turns off and restart in 2 seconds.
Switching Battery Charger
ACT2801/ACT2801C is configured in charge mode
(buck mode) when VIN is valid. In this mode, a
battery is charged with preconditioning, fast charge,
top-off and end of charge (EOC). The typical charge
management is shown in Figure 3 and Figure 4.
CC/CV Regulation Loop
There are CC/CV regulation loops built in ACT2801/
ACT2801C, which regulates either current or
voltage as necessary to ensure fast and safe
charging of the battery. In a normal charge cycle,
this loop regulates the current to the value set by
the external resistor at the ICST pin. Charging
continues at this current until the battery cell voltage
reaches the termination voltage. At this point the
CV loop takes over, and charge current is allowed
to decrease as necessary to maintain charging at
the termination voltage.
Precondition Charge
A new charging cycle begins with the precondition
state, and operation continues in this state until VBAT
exceeds the precondition threshold voltage. When
operating in precondition state, the cell is charged
at a reduced current, 10% of the programmed
maximum fast charge constant current. Once VBAT
reaches the precondition threshold voltage the state
machine jumps to the fast charge state.
Fast Charge
If
battery
voltage
is
above
preconditioning
threshold, buck converter charges battery with
constant current. In fast charge state, the ACT2801/
ACT2801C charges at the current set by the
external resistor connected at the ICST pin. During
a normal charge cycle fast charge continues in CC
mode until VBAT reaches the charge termination
voltage, at which point the ACT2801/ACT2801C
charges in top off state.
Top Off
With the battery voltage approaches the EOC
voltage set by the BTV pin. Charge current
decreases as charging continues. In the top off
state, the cell is charged in constant voltage (CV)
mode. During a normal charging cycle charging
proceeds until the charge current decreases below
the end of charge (EOC) threshold, defined as 13%
of fast charge current. When this happens, the state
machine terminates the charge cycle and jumps to
the EOC state.  
End of Charge
When charges current decreases to 13% of set fast  
charge current, the buck converter goes into end of
charge mode and keep monitoring the battery
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com