Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801CQL-T Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT2801CQL-T
Description  5V/1.5A Backup Battery Pack Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801CQL-T Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT2801CQL-T Datasheet HTML 7Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 8Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 9Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 10Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 11Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 12Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 13Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 14Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Rev 2, 15-Apr-14
Innovative PowerTM
- 11 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
ACT2801/ACT2801C
FUNCTIONAL DESCRIPTION
Recharge
When battery voltage drops by 200mV below the end of charge voltage, the charger is reinitiated with
constant current charge.
A: PRECONDITION STATE
B: FAST-CHARGE STATE
C: TOP-OFF STATE
D: END-OF-CHARGE STATE
Figure 3.
Typical Li+ Charge Profile and ACT2801/ACT2801C Charge States
Figure 4.
Charger State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com