Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801CQL-T Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT2801CQL-T
Description  5V/1.5A Backup Battery Pack Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801CQL-T Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT2801CQL-T Datasheet HTML 9Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 10Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 11Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 12Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 13Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 14Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 15Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 16Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rev 2, 15-Apr-14
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
ACT2801/ACT2801C
Input current limit at various resistor curve is shown
in Figure 8.
Battery Fast Charge Current
Battery fast charge current is set by a resistor
connected from ICST pin to AGND as shown in
Figure 9. Figure 10 gives out different fast charge
current with various RICST. The battery fast charge
current is estimated as the following equation:
Boost Output Constant Current
Boost output current is set by a resistor connected
from IOST pin to AGND as shown in Figure 11. The
boost output current is estimated as the following
equation:
Figure 12 gives out boost output current with
various RIOST.
Battery Impedance Compensation
An
external resistor is used to set the impedance
from 40mΩ to 500mΩ as shown in Figure 13. RIMC
is corresponding to battery impedance. Higher RIMC
gives higher compensation voltage which is
positively proportional to battery charge/discharge
current.
Select RIMC based on battery impedance:
The battery impedance as shown in the table 4
according to the RIMC and Rcs:
)
(m
cs
R
)
(m
R
25
)
(k
RIMC
Ω
Ω
Ω
×
=
)
(m
s
Rc
)
(k
R
)
A
(
3
2
(A)
I
OST
I
IOST
Ω
Ω
×
=
(5)
(7)
(4)
)
m
(
Rcs
)
k
(
R
)
A
(
25
.
1
)
A
(
Ic
ICST
Ω
Ω
×
=
Figure 11.
Boost output current setting circuit
(6)
Figure 13.
Battery impedance compensation setting circuit
3
-
BAT
BAT
10
)
m
(
R
)
A
(
I
)
V
(
BAT
)
V
(
V
×
×
−
=
Ω
Figure 9.
Battery fast charge current setting circuit
Figure 7.
Input current limit setting circuit
Figure 10.
Battery fast charge current setting
3.0
1.5
1.0
0.5
0
2.0
2.5
RILIM (kΩ)
0.7
1.2
1.7
2.2
2.7
3.2
3.7
4.2
4.7
Figure 8.
Input current limit setting
RICST (kΩ)
0
10
20
30
40
50
60
70
80
2.1
0.9
0.6
0.3
0
1.2
1.5
1.8
Figure 12.
Boost output current setting
1.9
1.6
1.3
1.0
0.7
0.4
RIOST (kΩ)
20
40
60
80
100
120
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com