Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2801CQL-T Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2801CQL-T
Description  5V/1.5A Backup Battery Pack Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2801CQL-T Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2801CQL-T Datasheet HTML 1Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 2Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 3Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 4Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 5Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 6Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 7Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 8Page - Active-Semi, Inc ACT2801CQL-T Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2014 Active-Semi, Inc.
FEATURES
• Dedicated Single Chip Solution for Mobile Power
With Minimal Component Count
• 5V/1.5A Constant Output Current Limit in Boost
Mode
• 1.5A Switching Charger Limit
• Programmable 4.1V to 4.35V Battery Voltage
• 95% Boost Efficiency (Vbat=4.1V)
• Adaptive to 10mA-2400mA Input Sources
• Battery Disconnection at Output Short
• <10µA Low Battery Leakage Current at HZ
Mode During Storage
• Boost Auto Turn-off at No Load and Push
Button Turn-on
• Battery Over Current, Over Voltage, Over
Temperature and Short Circuit Protections
• Boost Auto Startup with Load Detection
• Up to 2.0A Input Current Limit with Prioritized
Power Path to Output
• 5V+/-100mV Output Voltage in Boost Mode
• 1.1MHz/0.55MHz Switching Frequencies
• 2.2uH SMD Inductor and Low Profile Ceramic
Capacitor
• 4 LEDs Battery Level and Status Indication
• Battery Impedance Compensation
• Full Cycle of Battery Charge Management
Preconditioning, Fast Charge, Top off and End
of Charge
• Charge Current Foldback at 110°C Die
Temperature
• IC Over Temperature Protection at 160°C
• QFN4x4-24 Package
APPLICATIONS
• Backup Battery Pack
• Power Bank
• Mobile Power
• Standalone Battery Charger with USB Output
GENERAL DESCRIPTION
ACT2801/ACT2801C is a space-saving and high-
performance low-profile single-chip solution for
backup battery pack and standalone battery
charger. ACT2801/ACT2801C integrates all the
functions that a backup battery pack needs,
including switching charger, boost converter and
LED indication.
ACT2801/ACT2801C operates at 1.1MHz for
switching charger and 0.55MHz for boost converter
allowing tiny external inductor and capacitors.
ACT2801/ACT2801C provides a direct power path
from input to output with programmable current limit
while providing power to switching charger. Output
has higher priority than battery charger if the
programmed input current limit is reached.
ACT2801/ACT2801C charges battery with full cycle
of preconditioning, fast charge with constant current
and constant voltage until end of charge. The
battery charger is thermally regulated at 110°C with
charge current foldback.
ACT2801/ACT2801C boost converter steps battery
voltage up to 5V. Boost converter features high
efficiency, constant current regulation, short circuit
protection and over voltage protection.
ACT2801/ACT2801C provides 3.5mA constant
currents to drive 4 LEDs to indicate battery level
and
charge
status.
Battery
impedance
is
compensated for battery level indication.
5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801/ACT2801C
Output Current (mA)
0
200
400
600
800
1000
1400
1200
5.5
5.0
4.5
4.0
3.5
3.0
Boost CC/CV Curve
VBAT =4.1V
VBAT =3.7V
VBAT =3.2V


Similar Part No. - ACT2801CQL-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2801CQL-T1028 ACTIVE-SEMI-ACT2801CQL-T1028 Datasheet
2Mb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
More results

Similar Description - ACT2801CQL-T

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
Battery Backup System Manager
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2801 ACTIVE-SEMI-ACT2801_16 Datasheet
679Kb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2802 ACTIVE-SEMI-ACT2802_16 Datasheet
885Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2802QL-T1026 ACTIVE-SEMI-ACT2802QL-T1026 Datasheet
897Kb / 25P
5V/2.5A Backup Battery Pack Manager
Rev 7, 15-Jul-16
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com