Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGFP Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NGFP
Description  Multilayer Chip Band Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFP Datasheet(HTML) 2 Page - NIC-Components Corp.

  NGFP Datasheet HTML 1Page - NIC-Components Corp. NGFP Datasheet HTML 2Page - NIC-Components Corp. NGFP Datasheet HTML 3Page - NIC-Components Corp. NGFP Datasheet HTML 4Page - NIC-Components Corp. NGFP Datasheet HTML 5Page - NIC-Components Corp. NGFP Datasheet HTML 6Page - NIC-Components Corp. NGFP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFP Series
Multilayer Chip Band Pass Filters
NGFP0402 Size
NGFP0603 Size
NGFP0402 Style Code
(1)
(2)
(3)
(4)
All Styles
Ground
Out
Ground
In
Part Number
Standard Values - Case Size 0402 (1.0 x 0.5 x 0.38mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
NGFP0402AG2R450G050TRF
2,450
f0 ± 50.0
1.4
25dB Min. at 880~960MHz
0.38 ± 0.05
8dB Min. at 1710~1970MHz
23dB Min. at 4800~5000MHz
32dB Min. at 7200~7500MHz
Part Number
Standard Values - Case Size 0603 (1.6 x 0.8 x 0.6mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
NGFP0603AG2R450G050TRF
2,450
f0 ± 50.0
1.6
24dB min. at 880~960MHz
0.60 ± 0.10
20dB min. at 1710~1990MHz
25dB min. at 4800~5000MHz
25dB min. at 7200~7500MHz
NGFP0603AH2R450G050TRF
2,450
f0 ± 50.0
2.5
30dB min. at 880~960MHz
25dB min. at 1710~1990MHz
25dB min. at 4800~5000MHz
20dB min. at 7200~7500MHz
COMPONENT LAYOUT
LAND PATTERNS
NGFP0603 Style Code
(1)
(2)
(3)
(4)
Style A
Ground
Out
Ground
In
(Customization Available. Please contact NIC for any center frequency and response customizations)
(Customization Available. Please contact NIC for any center frequency and response customizations)
COMPONENT LAYOUT (in mm)
LAND PATTERNS (in mm)
(1)
(2)
(3)
(4)
0.18 ± 0.1
0.25 ± 0.1
1.0 ± 0.05
0.25
0.60
0.625
0.7 ± 0.15
0.6 ± 0.1
1.6 ± 0.1
(1)
(2)
(3)
(4)
0.15 ± 0.1
2.6
0.7
0.7
0.25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com