Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGFP Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NGFP
Description  Multilayer Chip Band Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFP Datasheet(HTML) 5 Page - NIC-Components Corp.

  NGFP Datasheet HTML 1Page - NIC-Components Corp. NGFP Datasheet HTML 2Page - NIC-Components Corp. NGFP Datasheet HTML 3Page - NIC-Components Corp. NGFP Datasheet HTML 4Page - NIC-Components Corp. NGFP Datasheet HTML 5Page - NIC-Components Corp. NGFP Datasheet HTML 6Page - NIC-Components Corp. NGFP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFP Series
Multilayer Chip Band Pass Filters
Part Number
Standard Values - Case Size 1008 (2.5 x 2.0mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
(C - mm)
NGFP1008AH2R450G050TRF
2,450
f0 ± 50.0
1.7
25dB Min. at 1750MHz
0.90 ± 0.10
6dB min. at 2100MHz
22dB Min. at 4800~5000MHz
20dB Min. at 7200~7500MHz
NGFP1008AG1R917G005TRF
1,917
f0 ± 5.0
1.9
50dB Min. at 956~961MHz
24dB Min. at 2868~2883MHz
29dB Min. at 3824~3844MHz
33dB Min. at 4780~4805MHz
32dB Min. at 5736~5766MHz
NGFP1008AG3R275G225TRF
3,275
f0 ± 225.0
1.5
25dB Min. at 1000~2300MHz
1.20 ± 0.10
25dB Min. at 4380~8000MHz
NGFP1008 Size
COMPONENT LAYOUT
LAND PATTERNS
NGFP1008 Style Code
(1)
(2)
(3)
(4)
All Styles
Ground
Out
Ground
In
(Customization Available. Please contact NIC for any center frequency and response customizations)
2.5 ± 0.25
0.3 ± 0.15
C
(2)
(4)
(3)
(1)
1.7
2.0
1.1
3.9



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com