Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGFP Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NGFP
Description  Multilayer Chip Band Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFP Datasheet(HTML) 3 Page - NIC-Components Corp.

  NGFP Datasheet HTML 1Page - NIC-Components Corp. NGFP Datasheet HTML 2Page - NIC-Components Corp. NGFP Datasheet HTML 3Page - NIC-Components Corp. NGFP Datasheet HTML 4Page - NIC-Components Corp. NGFP Datasheet HTML 5Page - NIC-Components Corp. NGFP Datasheet HTML 6Page - NIC-Components Corp. NGFP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFP Series
Multilayer Chip Band Pass Filters
NGFP0805 Size
Part Number
Standard Values - Case Size 0603 (1.6 x 0.8 x 0.6mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
(C - mm)
NGFP0805AG2R450G050TRF
2,450
f0 ± 50.0
2.6
40dB Min. at 880~960MHz
0.95 ± 0.10
38dB Min. at 1710~1990MHz
16dB Min. at 2110~2170MHz
30dB Min. at 4800~5000MHz
NGFP0805AH2R450G050TRF
2,450
f0 ± 50.0
1.7
30dB Min. at 900MHz
20dB Min. at 1850MHz
30dB Min. at 4800MHz
NGFP0805AJ2R450G050TRF
2,450
f0 ± 50.0
1.2
15dB Min. at 1600MHz
20dB Min. at 3200MHz
40dB Min. at 4800~5000MHz
NGFP0805AK2R450G050TRF
2,450
f0 ± 50.0
2.8
20dB Min. at 700~800MHz
25dB Min. at 1710~1880MHz
35dB Min. at 3200MHz
20dB Min. at 4800~5000MHz
20dB Min. at 7200~7500MHz
NGFP0805BG2R450G050TRF
2,450
f0 ± 50.0
1.5
35dB min. at 880~960MHz
20dB min. at 1710~1990MHz
30dB min. at 4800~5000MHz
NGFP0805CG2R450G050TRF
2,450
f0 ± 50.0
1.8
30dB Min. at 824~915MHz
0.80 ± 0.10
28dB Min. at 1545~1605MHz
35dB Min. at 1710~1990MHz
30dB Min. at 2170MHz
30dB Min. at 4800~5000MHz
25dB min. at 7200~7500MHz
NGFP0805CH2R450G050TRF
2,450
f0 ± 50.0
2.7
30dB Min. at 746~960MHz
0.45 ± 0.05
28dB Min. at 1570~1580MHz
35dB Min. at 1710~1990MHz
30dB Min. at 2110~2170MHz
15dB Min. at 3300~3800MHz
20dB Min. at 4800~5000MHz
20dB Min. at 7200~7500MHz
NGFP0805CJ2R450G050TRF
2,450
f0 ± 50.0
1.5
30dB min. at 880~960MHz
30dB min. at 1710~1990MHz
6dB min. at 2110~2170MHz
30dB min. at 4800~5000MHz
20dB min. at 7200~7500MHz
(Customization Available. Please contact NIC for any center frequency and response customizations)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com