Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGFP Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NGFP
Description  Multilayer Chip Band Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFP Datasheet(HTML) 7 Page - NIC-Components Corp.

  NGFP Datasheet HTML 1Page - NIC-Components Corp. NGFP Datasheet HTML 2Page - NIC-Components Corp. NGFP Datasheet HTML 3Page - NIC-Components Corp. NGFP Datasheet HTML 4Page - NIC-Components Corp. NGFP Datasheet HTML 5Page - NIC-Components Corp. NGFP Datasheet HTML 6Page - NIC-Components Corp. NGFP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFP Series
Multilayer Chip Band Pass Filters
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
D(mm)
NGFP0402
9.0 ± 1.5
58 ± 2.0
178 ± 2.0
NGFP0603
NGFP0805
NGFP1008
NGFP1206
NGFP1210
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Tape
Ao
Bo
Po
So
Co
Ko
t
W
Qty
NGFP0402
Paper
0.62
1.12
2.0
2.0 ±0.05
3.5 ± 0.1
0.45 max.
-
8.0 ± 0.3
10,000
NGFP0603
1.00
1.80
4.0
0.75 max.
-
4,000
NGFP0805
Embossed
1.42
2.25
1.14 max.
0.27 max.
4,000
NGFP1008
2.30
2.80
1.25 max.
3,000
NGFP1206
1.80
3.50
1.60 max.
3,000
NGFP1210
2.75
3.45
1.80 max.
2,000
W
Co
Ao
Bo
1.5mm ± 0.1
4.0mm ±0.1
1.75mm ±0.1
B
D
A
Po
So
Ko
t
(Embossed)
(Paper)
Ko
REFLOW SOLDERING PROFILE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com