Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGFP Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NGFP
Description  Multilayer Chip Band Pass Filters
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGFP Datasheet(HTML) 6 Page - NIC-Components Corp.

  NGFP Datasheet HTML 1Page - NIC-Components Corp. NGFP Datasheet HTML 2Page - NIC-Components Corp. NGFP Datasheet HTML 3Page - NIC-Components Corp. NGFP Datasheet HTML 4Page - NIC-Components Corp. NGFP Datasheet HTML 5Page - NIC-Components Corp. NGFP Datasheet HTML 6Page - NIC-Components Corp. NGFP Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGFP Series
Multilayer Chip Band Pass Filters
NGFP1206 Size
Part Number
Standard Values - Case Size 0603 (3.2 x 2.5 x 1.5mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
NGFP1210AG2R450G050TRF
2,450
f0 ± 50.0
1.8
48dB Min. at 902~928MHz
1.50 ± 0.10
50dB Min. at 1500~1550MHz
12dB Min. at 2150~2200MHz
30dB Min. at 4800~5000MHz
Part Number
Standard Values - Case Size 0603 (3.2 x 1.6 x 1.2mm)
Center
Frequency
(MHz)
Bandwidth
(MHz)
Max. IL in BW
@ 25°C (dB)
Attenuation (dB)
Component
Thickness
NGFP1206AG2R450G050TRF
2,450
f0 ± 50.0
2.5
40dB Min. at 900~928MHz
1.20 ± 0.10
30dB Min. at 1200~1800MHz
25dB Min. at 2100MHz
35dB Min. at 4800~5000MHz
40dB Min. at 7200~7500MHz
NGFP1210 Size
COMPONENT LAYOUT
LAND PATTERNS
COMPONENT LAYOUT
LAND PATTERNS
NGFP1206 Style Code
(1)
(2)
(3)
(4)
All Styles
Ground
Out
Ground
In
NGFP1210 Style Code
(1)
(2)
(3)
(4)
All Styles
Ground
Out
Ground
In
(Customization Available. Please contact NIC for any center frequency and response customizations
(Customization Available. Please contact NIC for any center frequency and response customizations)
(1)
(2)
(3)
(4)
3.2 ± 0.15
1.2 ± 0.1
1.9 ± 0.15
0.3 ± 0.2
0.65 ± 0.2
2.6
5.5
3.2
1.6
3.2 ± 0.2
0.3 ± 0.15
1.5 ± 0.1
(1)
(2)
(3)
(4)
3.0
1.0
1.6
2.2
3.2
3.4
4.3
5.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com