Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XQ-R Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FT240XQ-R
Description  Future Technology Devices International Ltd
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT240XQ-R Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FT240XQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
7 Application Examples
The following sections illustrate possible applications of the FT240X. The illustrations have omitted pin
numbers for ease of understanding since the pins differ between the FT240XS and FT240XQ package
options.
7.1 USB to MCU FIFO Interface
A
G
N
D
G
N
D
100nF
3V3OUT
VCCIO
RESET#
+
100nF
4.7uF
Vcc
D0
D1
D2
D3
D4
D5
D6
D7
RXF#
WR#
RD#
TXE#
USBDP
USBDM
VCC
1
2
3
4
5
PWREN#
I/O10
I/O11
I/O12
I/O13
Ferrite
Bead
GND
GND
GND
+
GND
10nF
VCC
I/O14
I/O15
I/O16
I/O17
I/O20
I/O21
I/O22
I/O23
I/O24
Vcc
10k
SHIELD
VCC
FT240X
27R
27R
47pF
47pF
USBDM
GND
USBDP
Figure 7.1 USB to MCU FIFO Interface
A typical example of using the FT240X as a USB to Microcontroller (MCU) FIFO interface is illustrated in
Figure 7.1. This example uses two MCU I/O ports: one port (8 bits) to transfer data and the other port (4
or 5 bits) to monitor the TXE# and RXF# status bits and generate the RD# and WR strobes to the
FT240X, when required.
Using PWREN# for this function is optional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com